Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XK21 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # XK21
Description  Ultra-low Phase Noise Quartz-based PLL Oscillator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XK21 Datasheet(HTML) 5 Page - Renesas Technology Corp

  XK21 Datasheet HTML 1Page - Renesas Technology Corp XK21 Datasheet HTML 2Page - Renesas Technology Corp XK21 Datasheet HTML 3Page - Renesas Technology Corp XK21 Datasheet HTML 4Page - Renesas Technology Corp XK21 Datasheet HTML 5Page - Renesas Technology Corp XK21 Datasheet HTML 6Page - Renesas Technology Corp XK21 Datasheet HTML 7Page - Renesas Technology Corp XK21 Datasheet HTML 8Page - Renesas Technology Corp XK21 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
R31DS0145EU0116 Rev. 1.16
Page 5
Sep 24, 2025
XK Datasheet
Thermal vias in the PCB pads can also be used to maximize performance. The vias act as “heat pipes” conducting
heat from the device to the PCB ground plane(s). For specific recommendations, contact Renesas.
Figure 3. Solder Re-flow Profile
Table 2. Thermal Characteristics—Customer PCB
Package
θJA (°C/W) [1]
1. Still air.
θJB (°C/W) [2]
2. Device soldered to 200 × 250 mm 10-layer PCB with one thermal via, and four PCB ground planes.
1814 Package (1612 footprint compatible)
94.4
56.7
2016 Package
97.6
61.1
2520 Package
76.7
40.4
3225 Package
76.8
42.6
Table 3. Package Mechanical Characteristics
Parameter
Test Method
Value
Mechanical Shock
Half-sine wave with 0.3ms 3000G. X, Y, Z each direction 1 time.
-
Mechanical Vibration
Frequency: 10 to 55MHz amplitude: 1.5mm.
Frequency: 55 to 2000Hz peak value: 20G.
Duration time: 4H for each X, Y, Z axis; total 12hours.
-
High Temp Operating Life (HTOL) 1000 hours at 125°C (under power).
-
MSL Level
JEDEC-STD-020E, Moisture/Reflow Sensitivity Classification for Non-
hermetic Surface Mount Devices, December 2014.
3
Pb-Free Reflow Profile
See Figure 3
-
tP
10 seconds Max within 5°C of
260°C peak
Ramp down not to
exceed 6°C/s
Ramp up 3°C/s Max
120 ±20 seconds in
pre-heating area
50 ±10
seconds
above 225°C
reflow area
400 seconds Max from +25°C to 260°C peak
25°C
160°C
180°C
225°C
260°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com