Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XK21 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # XK21
Description  Ultra-low Phase Noise Quartz-based PLL Oscillator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XK21 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button XK21 Datasheet HTML 10Page - Renesas Technology Corp XK21 Datasheet HTML 11Page - Renesas Technology Corp XK21 Datasheet HTML 12Page - Renesas Technology Corp XK21 Datasheet HTML 13Page - Renesas Technology Corp XK21 Datasheet HTML 14Page - Renesas Technology Corp XK21 Datasheet HTML 15Page - Renesas Technology Corp XK21 Datasheet HTML 16Page - Renesas Technology Corp XK21 Datasheet HTML 17Page - Renesas Technology Corp XK21 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
R31DS0145EU0116 Rev. 1.16
Page 14
Sep 24, 2025
XK Datasheet
Phase Jitter
jit
625
CML
50
61
fs RMS
HCSL
50
61
LVDS
50
61
LVPECL
49
60
Phase Jitter
jit
644.53125
CML
49
67
fs RMS
HCSL
49
65
LVDS
50
66
LVPECL
49
63
Phase Jitter
jit
1250
CML
50
62
fs RMS
LVDS
49
61
LVPECL
49
61
Table 16. Phase Jitter at 3.3V with 4MHz High-Pass Filter
Parameter
Symbol
Test Frequency
(MHz)
Output Type
Typical
Maximum
Unit
Phase Jitter
jit
312.5
LVPECL
24
32
fs RMS
625
22
28
Table 17. AC Characteristics at 3.3V
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Unit
Output Rise Time [1]
1. All measurements taken with 20% to 80% thresholds at 156.25MHz.
tR
CML
144
180
216
ps
HCSL
162
190
228
LVDS
136
152
169
LVPECL
147
170
221
Output Fall Time [1]
tF
CML
138
190
233
ps
HCSL
175
204
238
LVDS
175
216
259
LVPECL
164
200
251
Output Duty Cycle [2]
2. All measurements taken at the crossing points for differential signals and at VDD/2 for LVCMOS outputs, if applicable. Applies to all output
configurations.
ODC
FOUT 1000MHz
49
51
53
%
FOUT 1000MHz
51
53
56
Table 15. Phase Jitter at 3.3V (Cont.)
Parameter
Symbol
Test Frequency
(MHz)
Output Type
Typical
Maximum
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com