Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XK21 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # XK21
Description  Ultra-low Phase Noise Quartz-based PLL Oscillator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XK21 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button XK21 Datasheet HTML 18Page - Renesas Technology Corp XK21 Datasheet HTML 19Page - Renesas Technology Corp XK21 Datasheet HTML 20Page - Renesas Technology Corp XK21 Datasheet HTML 21Page - Renesas Technology Corp XK21 Datasheet HTML 22Page - Renesas Technology Corp XK21 Datasheet HTML 23Page - Renesas Technology Corp XK21 Datasheet HTML 24Page - Renesas Technology Corp XK21 Datasheet HTML 25Page - Renesas Technology Corp XK21 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
R31DS0145EU0116 Rev. 1.16
Page 22
Sep 24, 2025
XK Datasheet
The configuration codes are described in Table 26. Note that all configurations in a device must be of the same
VDD, OE Pin Polarity, and OE Pin Number assignment. The configurations can consist of different output types
and frequencies.
Table 26. Output Configuration Code (X)
Output Type
OE Pin Polarity
OE Pin Number
Code (X)
CML
Active Low
1
D
2
K
Active High
1
P
2
Q
HCSL
Active Low
1
E
2
T
Active High
1
R
2
S
LVCMOS[1]
1. VDD must be 1.8 Volts (voltage code 1).
Active Low
1
A
2
F
Active High
1
H
2
J
LVDS
Active Low
1
B
2
G
Active High
1
L
2
M
LVPECL[2]
2. VDD must be 3.3 Volts (voltage code 3).
Active Low
1
C
2
I
Active High
1
N
2
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com