Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XK21 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # XK21
Description  Ultra-low Phase Noise Quartz-based PLL Oscillator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XK21 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button XK21 Datasheet HTML 21Page - Renesas Technology Corp XK21 Datasheet HTML 22Page - Renesas Technology Corp XK21 Datasheet HTML 23Page - Renesas Technology Corp XK21 Datasheet HTML 24Page - Renesas Technology Corp XK21 Datasheet HTML 25Page - Renesas Technology Corp XK21 Datasheet HTML 26Page - Renesas Technology Corp XK21 Datasheet HTML 27Page - Renesas Technology Corp XK21 Datasheet HTML 28Page - Renesas Technology Corp XK21 Datasheet HTML 29Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
TOP VIEW
BOTTOM VIEW
(0.54)
0.85 ±0.15
0.08 C
Seating Plane
C
SIDE VIEW
Soldermask
Package edge
Exposed metal
Soldermask opening
Soldermask opening
Detail A
(PCB Top View, NSMD Design)
RECOMMENDED LAND PATTERN
NOTES:
1.
JEDEC compatible.
2.
All dimensions are in mm and angles are in degrees.
3.
Use ±0.05 mm for the non-toleranced dimensions.
4.
Numbers in ( ) are for reference only.
PIN1 INDEX
6
4
1
3
1.60
2.00 ±0.10
1.60 ±0.10
1.20
(0.10)
0.73
0.275
0.30
0.80
1.70
1.735
0.73
0.45
0.275
Package
Outline
A
© Renesas Electronics Corporation
Package Outline Drawing
Package Code: LLV6D1
6-LGA 2.00 x 1.60 x 0.85 mm Body, 0.73mm Pitch
PSC-4902-01, Revision: 04, Date Created: May 26, 2023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com