Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XK21 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # XK21
Description  Ultra-low Phase Noise Quartz-based PLL Oscillator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XK21 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button XK21 Datasheet HTML 14Page - Renesas Technology Corp XK21 Datasheet HTML 15Page - Renesas Technology Corp XK21 Datasheet HTML 16Page - Renesas Technology Corp XK21 Datasheet HTML 17Page - Renesas Technology Corp XK21 Datasheet HTML 18Page - Renesas Technology Corp XK21 Datasheet HTML 19Page - Renesas Technology Corp XK21 Datasheet HTML 20Page - Renesas Technology Corp XK21 Datasheet HTML 21Page - Renesas Technology Corp XK21 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
R31DS0145EU0116 Rev. 1.16
Page 18
Sep 24, 2025
XK Datasheet
4. Applications Information
The following figures illustrate recommended termination schemes for each output type. Other terminations are
possible, depending on the application requirements. Contact Renesas if other schemes are required.
Figure 16. CML Output Termination
Table 20. CML Output Component Values
Figure 17. LVPECL Output Termination
Table 21. LVPECL Output Component Values
Figure 14. 3.3V LVPECL, 312MHz, 4MHz High-Pass Filter
Figure 15. 3.3V LVPECL, 625MHz, 4MHz High-Pass Filter
Output Type
VDD
RO (ohms)
ZDIFF(ohms)
R1 (ohms)
CML
1.8 ± 5%
NA
100
50
2.5 ± 5%
3.3 ± 5%
Output Type
VDD
RO (ohms)
ZDIFF(ohms)
R1 (ohms)
R2 (ohms)
LVPECL
3.3 ± 5%
NA
100
125
84
TA = +25°C, unless otherwise stated. (Cont.)
VDD
ZDIFF
RO
RO
VDD
VDD
ZDIFF
RO
RO
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com