Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XK21 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # XK21
Description  Ultra-low Phase Noise Quartz-based PLL Oscillator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XK21 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button XK21 Datasheet HTML 13Page - Renesas Technology Corp XK21 Datasheet HTML 14Page - Renesas Technology Corp XK21 Datasheet HTML 15Page - Renesas Technology Corp XK21 Datasheet HTML 16Page - Renesas Technology Corp XK21 Datasheet HTML 17Page - Renesas Technology Corp XK21 Datasheet HTML 18Page - Renesas Technology Corp XK21 Datasheet HTML 19Page - Renesas Technology Corp XK21 Datasheet HTML 20Page - Renesas Technology Corp XK21 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
R31DS0145EU0116 Rev. 1.16
Page 17
Sep 24, 2025
XK Datasheet
3. Typical Performance Graphs
TA = +25°C, unless otherwise stated.
Figure 8. 1.8V LVCMOS, 156.25MHz
Figure 9. 3.3V HCSL, 156.25MHz
Figure 10. 1.8V LVDS, 156.25MHz
Figure 11. 3.3V LVPECL, 312.5MHz
Figure 12. 1.8V HCSL, 156.25MHz
Figure 13. 3.3V CML, 312.5MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com