Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XK21 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # XK21
Description  Ultra-low Phase Noise Quartz-based PLL Oscillator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XK21 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button XK21 Datasheet HTML 7Page - Renesas Technology Corp XK21 Datasheet HTML 8Page - Renesas Technology Corp XK21 Datasheet HTML 9Page - Renesas Technology Corp XK21 Datasheet HTML 10Page - Renesas Technology Corp XK21 Datasheet HTML 11Page - Renesas Technology Corp XK21 Datasheet HTML 12Page - Renesas Technology Corp XK21 Datasheet HTML 13Page - Renesas Technology Corp XK21 Datasheet HTML 14Page - Renesas Technology Corp XK21 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
R31DS0145EU0116 Rev. 1.16
Page 11
Sep 24, 2025
XK Datasheet
Phase Jitter
jit
156.25
CML
54
66
fs RMS
HCSL
53
66
LVDS
54
66
Phase Jitter
jit
161.132813
CML
53
65
fs RMS
HCSL
52
64
LVDS
54
64
Phase Jitter
jit
250
CML
63
75
fs RMS
HCSL
63
72
LVDS
67
76
Phase Jitter
jit
312.5
CML
51
62
fs RMS
HCSL
50
62
LVDS
51
62
Phase Jitter
jit
322.265625
CML
52
64
fs RMS
HCSL
50
64
LVDS
53
66
Phase Jitter
jit
500
CML
65
74
fs RMS
HCSL
64
73
LVDS
64
77
Phase Jitter
jit
625
CML
50
61
fs RMS
HCSL
49
61
LVDS
49
61
Phase Jitter
jit
644.53125
CML
49
62
fs RMS
HCSL
48
62
LVDS
49
63
Phase Jitter
jit
1250
CML
49
62
fs RMS
LVDS
49
61
Table 12. AC Characteristics at 2.5V
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Unit
Output Rise Time [1]
tR
CML
153
182
216
ps
HCSL
162
191
231
LVDS
135
152
176
Output Fall Time [1]
tF
CML
146
197
232
ps
HCSL
177
208
257
LVDS
183
243
313
Table 11. Phase Jitter at 2.5V (Cont.)
Parameter
Symbol
Test Frequency
(MHz)
Output Type
Typical
Maximum
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com