Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XK21 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # XK21
Description  Ultra-low Phase Noise Quartz-based PLL Oscillator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XK21 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button XK21 Datasheet HTML 12Page - Renesas Technology Corp XK21 Datasheet HTML 13Page - Renesas Technology Corp XK21 Datasheet HTML 14Page - Renesas Technology Corp XK21 Datasheet HTML 15Page - Renesas Technology Corp XK21 Datasheet HTML 16Page - Renesas Technology Corp XK21 Datasheet HTML 17Page - Renesas Technology Corp XK21 Datasheet HTML 18Page - Renesas Technology Corp XK21 Datasheet HTML 19Page - Renesas Technology Corp XK21 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
R31DS0145EU0116 Rev. 1.16
Page 16
Sep 24, 2025
XK Datasheet
Figure 6. Differential Waveform Measurement Points
Figure 7. LVCMOS Waveform Measurement Points
Oscillator Symmetry
Output Levels/Rise Time/Fall Time Measurements
OUT0b
OUT0
VOH
VOL
VOD
½ Period
Period
TR
TF
20% to 80%
VOS
OUT0b
OUT0
Rise Time/Fall Time Measurements
On Time
½ Period
Period
20% to 80%
10% to 90%
0V to VDD
10% to 90%
Rise Time
90% to 10%
Fall Time
20% to 80%
Rise Time
80% to 20%
Fall Time
Off Time
½ Period
50% VDD
Oscillator Symmetry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com