Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72652L4M1 Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST72652L4M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72652L4M1 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST72652L4M1 Datasheet HTML 65Page - STMicroelectronics ST72652L4M1 Datasheet HTML 66Page - STMicroelectronics ST72652L4M1 Datasheet HTML 67Page - STMicroelectronics ST72652L4M1 Datasheet HTML 68Page - STMicroelectronics ST72652L4M1 Datasheet HTML 69Page - STMicroelectronics ST72652L4M1 Datasheet HTML 70Page - STMicroelectronics ST72652L4M1 Datasheet HTML 71Page - STMicroelectronics ST72652L4M1 Datasheet HTML 72Page - STMicroelectronics ST72652L4M1 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 166 page
background image
ST7265x
69/166
USB INTERFACE (Cont’d)
Figure 44. Overview of USB, DTC and ST7 Interconnections
1650h
1850h
1A4Fh
0
0
0
0
STAT
CLR
B0
STAT
B1
BUF
NUM
512-byte RAM
Buffer
512-byte RAM
Buffer
DATA
COPROCESSOR
DATA TRANSFER
BUFFER (1280 bytes)
USB
SIE
TRANSFER
(DTC)
ARBITRATION
USB DATA
BUFFER
BUFFER ACCESS
Parameters
USB EP0
USB EP1
USB EP2
BUFCSR Register (19h)
1550h
MANAGER
DTC I/Os
(EXTERNAL
DEVICES)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com