Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72652L4M1 Datasheet(PDF) 54 Page - STMicroelectronics

Part # ST72652L4M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72652L4M1 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ST72652L4M1 Datasheet HTML 50Page - STMicroelectronics ST72652L4M1 Datasheet HTML 51Page - STMicroelectronics ST72652L4M1 Datasheet HTML 52Page - STMicroelectronics ST72652L4M1 Datasheet HTML 53Page - STMicroelectronics ST72652L4M1 Datasheet HTML 54Page - STMicroelectronics ST72652L4M1 Datasheet HTML 55Page - STMicroelectronics ST72652L4M1 Datasheet HTML 56Page - STMicroelectronics ST72652L4M1 Datasheet HTML 57Page - STMicroelectronics ST72652L4M1 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 166 page
background image
ST7265x
54/166
I/O PORTS (Cont’d)
9.4 Register Description
DATA REGISTER (DR)
Port x Data Register
PxDR with x = A, B, C, D, E or F.
Read /Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = D[7:0]
Data register 8 bits.
The DR register has a specific behaviour accord-
ing to the selected input/output configuration. Writ-
ing the DR register is always taken into account
even if the pin is configured as an input; this allows
to always have the expected level on the pin when
toggling to output mode. Reading the DR register
always returns the digital value applied to the I/O
pin (pin configured as input).
DATA DIRECTION REGISTER (DDR)
Port x Data Direction Register
PxDDR with x = A, B, C, D, E or F.
Read /Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = DD[7:0]
Data direction register 8 bits.
The DDR register gives the input/output direction
configuration of the pins. Each bit is set and
cleared by software.
0: Input mode
1: Output mode
OPTION REGISTER (OR)
Port x Option Register
PxOR with x = A, C, D, or E
Read /Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = O[7:0]
Option register 8 bits.
For specific I/O pins, this register is not implement-
ed. In this case the DDR register is enough to se-
lect the I/O pin configuration.
The OR register allows to distinguish: in input
mode if the interrupt capability or the basic config-
uration is selected, in output mode if the push-pull
or open drain configuration is selected.
Each bit is set and cleared by software.
Input mode:
0: Floating input
1: Floating input with interrupt (ports A, C and D).
For port E configuration, refer to Table 14.
Output mode:
0: Output open drain (with P-Buffer deactivated)
1: Output push-pull
70
D7
D6
D5
D4
D3
D2
D1
D0
70
DD7
DD6
DD5
DD4
DD3
DD2
DD1
DD0
70
O7
O6
O5
O4
O3
O2
O1
O0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com