Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72652L4M1 Datasheet(PDF) 96 Page - STMicroelectronics

Part # ST72652L4M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72652L4M1 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button ST72652L4M1 Datasheet HTML 92Page - STMicroelectronics ST72652L4M1 Datasheet HTML 93Page - STMicroelectronics ST72652L4M1 Datasheet HTML 94Page - STMicroelectronics ST72652L4M1 Datasheet HTML 95Page - STMicroelectronics ST72652L4M1 Datasheet HTML 96Page - STMicroelectronics ST72652L4M1 Datasheet HTML 97Page - STMicroelectronics ST72652L4M1 Datasheet HTML 98Page - STMicroelectronics ST72652L4M1 Datasheet HTML 99Page - STMicroelectronics ST72652L4M1 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 166 page
background image
ST7265x
96/166
PWM/BRM GENERATOR (Cont’d)
Figure 58. Precision for PWM/BRM Tuning for VOUTEFF (After filtering)
11.5.4 Register Description
On a channel basis, the 10 bits are separated into
two data registers:
Note: The number of PWM and BRM channels
available depends on the device. Refer to the de-
vice pin description and register map.
PULSE BINARY WEIGHT REGISTERS (PWMi)
Read / Write
Reset Value 1000 0000 (80h)
Bit 7 = Reserved (Forced by hardware to “1”)
Bit 6 = POL
Polarity Bit for channel i.
0: The channel
i outputs a “1” level during the bina-
ry pulse and a “0” level after.
1: The channel
i outputs a “0” level during the bina-
ry pulse and a “1” level after.
Bit 5:0 = P[5:0]
PWM Pulse Binary Weight for
channel i.
This register contains the binary value of the pulse.
BRM REGISTERS
Read / Write
Reset Value: 0000 0000 (00h)
These registers define the intervals where an in-
cremental pulse is added to the beginning of the
original PWM pulse. Two BRM channel values
share the same register.
Bit 7:4 = B[7:4]
BRM Bits (channel i+1).
Bit 3:0 = B[3:0]
BRM Bits (channel i)
Note: From the programmer's point of view, the
PWM and BRM registers can be regarded as be-
ing combined to give one data value.
For example
:
Effective (with external RC filtering) DAC value
70
1
POL
P5
P4
P3
P2
P1
P0
70
B7
B6
B5
B4
B3
B2
B1
B0
1
POL
PP
PP
P
P
+
B
BB
B
1
POL
PPPPPPBBBB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com