Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72652L4M1 Datasheet(PDF) 56 Page - STMicroelectronics

Part # ST72652L4M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72652L4M1 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ST72652L4M1 Datasheet HTML 52Page - STMicroelectronics ST72652L4M1 Datasheet HTML 53Page - STMicroelectronics ST72652L4M1 Datasheet HTML 54Page - STMicroelectronics ST72652L4M1 Datasheet HTML 55Page - STMicroelectronics ST72652L4M1 Datasheet HTML 56Page - STMicroelectronics ST72652L4M1 Datasheet HTML 57Page - STMicroelectronics ST72652L4M1 Datasheet HTML 58Page - STMicroelectronics ST72652L4M1 Datasheet HTML 59Page - STMicroelectronics ST72652L4M1 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 166 page
background image
ST7265x
56/166
10 MISCELLANEOUS REGISTERS
MISCELLANEOUS REGISTER 1 (MISCR1)
Read /Write
Reset Value: 0000 0000 (00h)
Bits 7:6 = IS1[1:0]
ei0 Interrupt sensitivity
Interrupt sensitivity, defined using the IS1[1:0] bits,
is applied to the ei0 interrupts (Port A):
These 2 bits can be written only when I1 and I0 of
the CC register are both set to 1 (level 3).
Bit 5 = MCO
Main clock out selection
This bit enables the MCO alternate function on the
I/O port. It is set and cleared by software.
0: MCO alternate function disabled (I/O pin free for
general-purpose I/O)
1: MCO alternate function enabled (fCPU output on
I/O port)
Bits 4:3 = IS2[1:0]
ei1 Interrupt sensitivity
Interrupt sensitivity, defined using the IS2[1:0] bits,
is applied to the ei1 external interrupts (Port D):
These 2 bits can be written only when I1 and I0 of
the CC register are both set to 1 (level 3).
Bits 2:1 = CP[1:0]
CPU clock prescaler
These bits select the CPU clock prescaler which is
applied in the different slow modes. Their action is
conditioned by the setting of the CPEN bit. These
two bits are set and cleared by software
Caution:
– The ST7 core is not able to read or write in the
USB data buffer if the ST7265x is configured at 6
MHz in standalone mode.
– In USB mode, with fCPU ≤ 2 MHz, if the ST7 core
accesses the USB data buffer, this may prevent
the USB interface from accessing the buffer, re-
sulting in a USB buffer overrun error. This is be-
cause an access to memory lasts one cycle and
the USB has to send/receive at a fixed baud rate.
Bit 0 = CPEN
Clock Prescaler Enable
This bit is set and cleared by software. It is used
with the CP[1:0] bits to configure the internal clock
frequency.
0: Default fCPU used (3 or 6 MHz)
1: fCPU determined by CP[1:0] bits
70
IS11
IS10
MCO
IS21
IS20
CP1
CP0 CPEN
IS11 IS10
External Interrupt Sensitivity
0
0
Falling edge & low level
0
1
Rising edge only
1
0
Falling edge only
1
1
Rising and falling edge
IS21 IS20
External Interrupt Sensitivity
0
0
Falling edge & low level
0
1
Rising edge only
1
0
Falling edge only
1
1
Rising and falling edge
Operating Mode
fCPU
CP1
CP0 CPEN
Stand-alone mode
(fOSC = 12 MHz)
3 MHz
x
x
0
6 MHz*
0
0
1
1.5 MHz
1
0
1
750 KHz
0
1
1
375 KHz
1
1
1
USB mode
(48 MHz PLL)
6 MHz
x
x
0
8 MHz
0
0
1
2 MHz
1
0
1
1 MHz
0
1
1
250 KHz
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com