Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72652L4M1 Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST72652L4M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72652L4M1 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST72652L4M1 Datasheet HTML 66Page - STMicroelectronics ST72652L4M1 Datasheet HTML 67Page - STMicroelectronics ST72652L4M1 Datasheet HTML 68Page - STMicroelectronics ST72652L4M1 Datasheet HTML 69Page - STMicroelectronics ST72652L4M1 Datasheet HTML 70Page - STMicroelectronics ST72652L4M1 Datasheet HTML 71Page - STMicroelectronics ST72652L4M1 Datasheet HTML 72Page - STMicroelectronics ST72652L4M1 Datasheet HTML 73Page - STMicroelectronics ST72652L4M1 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 166 page
background image
ST7265x
70/166
USB INTERFACE (Cont’d)
11.3.5 Low Power modes
11.3.6 Interrupts
Note: The USB end of suspend interrupt event is connected to a single interrupt vector (USB ESUSP) with
the exit from halt capability (wake-up). All the other interrupt events are connected to another interrupt
vector: USB interrupt (USB). They generate an interrupt if the corresponding enable control bit is set and
the interrupt mask bits (I0, I1) in CC register are reset (RIM instruction).
Mode
Description
WAIT
No effect on USB.
USB interrupt events cause the device to exit from WAIT mode.
HALT
USB registers are frozen.
In halt mode, the USB is inactive. USB operations resume when the MCU is woken up by an interrupt with
“exit from halt capability” or by an event on the USB line in case of suspend. This event will generate an
ESUSP interrupt which will wake-up from halt mode.
Interrupt Event
Event Flag
Enable Con-
trol Bit
Exit From
Wait
Exit
From
Halt
Correct TRansfer
CTR
CTRM
Yes
No
Setup OVeRrun
SOVR
SOVRM
Yes
No
ERROR
ERR
ERRM
Yes
No
Suspend Mode Request
SUSP
SUSPM
Yes
No
End of SUSPend mode.
ESUSP
ESUSPM
Yes
Yes
USB RESET
RESET
RESETM
Yes
No
Start Of Frame
SOF
SOFM
Yes
No
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com