Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72652L4M1 Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST72652L4M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72652L4M1 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST72652L4M1 Datasheet HTML 41Page - STMicroelectronics ST72652L4M1 Datasheet HTML 42Page - STMicroelectronics ST72652L4M1 Datasheet HTML 43Page - STMicroelectronics ST72652L4M1 Datasheet HTML 44Page - STMicroelectronics ST72652L4M1 Datasheet HTML 45Page - STMicroelectronics ST72652L4M1 Datasheet HTML 46Page - STMicroelectronics ST72652L4M1 Datasheet HTML 47Page - STMicroelectronics ST72652L4M1 Datasheet HTML 48Page - STMicroelectronics ST72652L4M1 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 166 page
background image
ST7265x
45/166
INTERRUPTS (Cont’d)
Table 9. Dedicated Interrupt Instruction Set
Note: During the execution of an interrupt routine, the HALT, POPCC, RIM, SIM and WFI instructions
change the current software priority up to the next IRET instruction or one of the previously mentioned
instructions.
In order not to lose the current software priority level, the RIM, SIM, HALT, WFI and POP CC instructions
should never be used in an interrupt routine.
Table 10. Interrupt Mapping
Instruction
New Description
Function/Example
I1
H
I0
N
Z
C
HALT
Entering Halt mode
1
0
IRET
Interrupt routine return
Pop CC, A, X, PC
I1
H
I0
N
Z
C
JRM
Jump if I1:0=11
I1:0=11 ?
JRNM
Jump if I1:0<>11
I1:0<>11 ?
POP CC
Pop CC from the Stack
Mem => CC
I1
H
I0
N
Z
C
RIM
Enable interrupt (level 0 set)
Load 10 in I1:0 of CC
1
0
SIM
Disable interrupt (level 3 set)
Load 11 in I1:0 of CC
1
1
TRAP
Software trap
Software NMI
1
1
WFI
Wait for interrupt
1
0
N°
Source
Block
Description
Register
Label
Priority
Order
Exit
from
HALT
Address
Vector
RESET
Reset
N/A
Highest
Priority
Lowest
Priority
yes
FFFEh-FFFFh
TRAP
Software Interrupt
no
FFFCh-FFFDh
0
ICP
Flash Start Programming NMI Interrupt
yes
FFFAh-FFFBh
1
PLG
Power Management USB Plug/Unplug
PCR
yes
FFF8h-FFF9h
2
EI0
External Interrupt Port A
N/A
yes
FFF6h-FFF7h
3
DTC
DTC Peripheral Interrupt
DTCSR
no
FFF4h-FFF5h
4
USB
USB Peripheral Interrupt
USBISTR
no
FFF2h-FFF3h
5
ESUSP
USB End Suspend Interrupt
USBISTR
yes
FFF0h-FFF1h
6
EI1
External Interrupt Port D
N/A
yes
FFEEh-FFEFh
7I2CI2C Interrupt
I2CSRx
no
FFECh-FFEDh
8
TIM
Timer interrupt
TSR
no
FFEAh-FFEBh
9
EI2
External Interrupt Port C
N/A
yes
FFE8h-FFE9h
10
SPI
SPI interrupt
SPICSR
yes
FFE6h-FFE7h
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com