Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72652L4M1 Datasheet(PDF) 79 Page - STMicroelectronics

Part # ST72652L4M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72652L4M1 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button ST72652L4M1 Datasheet HTML 75Page - STMicroelectronics ST72652L4M1 Datasheet HTML 76Page - STMicroelectronics ST72652L4M1 Datasheet HTML 77Page - STMicroelectronics ST72652L4M1 Datasheet HTML 78Page - STMicroelectronics ST72652L4M1 Datasheet HTML 79Page - STMicroelectronics ST72652L4M1 Datasheet HTML 80Page - STMicroelectronics ST72652L4M1 Datasheet HTML 81Page - STMicroelectronics ST72652L4M1 Datasheet HTML 82Page - STMicroelectronics ST72652L4M1 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 166 page
background image
ST7265x
79/166
Table 26. USB Register Map and Reset values
Address
(Hex.)
Register
Name
7
6
54
3
2
10
47
BUFCSR
Reset Value
0
0
0
0
0
0
0
0
BUFNUM
0
BUF1ST
0
BUF0ST
0
RESETST
0
30
USBISTR
Reset Value
CTR
0
0
0
SOVR
0
ERR
0
SUSP
0
ESUSP
0
RESET
0
SOF
0
31
USBIMR
Reset Value
CTRM
0
0
0
SOVRM
0
ERRM
0
SUSPM
0
ESUSPM
0
RESETM
0
SOFM
0
32
USBCTLR
Reset Value
RSM
0
USB_RST
0
00
RESUME
0
PDWN
1
FSUSP
1
FRES
0
33
DADDR
Reset Value
0
ADD6
0
ADD5
0
ADD4
0
ADD3
0
ADD2
0
ADD1
0
ADD0
0
34
USBSR
Reset Value
PID1
0
PID0
0
IN /OUT
0
EP1
0
EP0
0
ERR2
0
ERR1
0
ERR0
0
35
EP0R
Reset Value
CTR0
0
DTOG_TX
0
STAT_TX1
0
STAT_TX0
0
0
0
DTOG_RX
0
STAT_RX1
0
STAT_RX0
0
36
CNT0RXR
Reset Value
0
0
0
0
0
0
CNT4
0
CNT3
0
CNT2
0
CNT1
0
CNT0
0
37
CNT0TXR
Reset Value
0
0
0
0
0
0
CNT4
0
CNT3
0
CNT2
0
CNT1
0
CNT0
0
38
EP1RXR
Reset Value
00
0
0
CTR_RX
0
DTOG_RX
0
STAT_RX1
0
STAT_RX0
0
39
CNT1RXR
Reset Value
0
0
0
0
0
0
CNT4
0
CNT3
0
CNT2
0
CNT1
0
CNT0
0
3A
EP1TXR
Reset Value
00
0
0
CTR_TX
0
DTOG_TX
0
STAT_TX1
0
STAT_TX0
0
3B
CNT1TXR
Reset Value
0
0
0
0
0
0
CNT4
0
CNT3
0
CNT2
0
CNT1
0
CNT0
0
3C
EP2RXR
Reset Value
MOD1
0
MOD0
0
00
CTR_RX
0
DTOG_RX
0
STAT_RX1
0
STAT_RX0
0
3D
CNT2RXR
Reset Value
0
0
CNT6
0
CNT5
0
CNT4
0
CNT3
0
CNT2
0
CNT1
0
CNT0
0
3E
EP2TXR
Reset Value
00
0
0
CTR_TX
0
DTOG_TX
0
STAT_TX1
0
STAT_TX0
0
3F
CNT2TXR
Reset Value
0
0
CNT6
0
CNT5
0
CNT4
0
CNT3
0
CNT2
0
CNT1
0
CNT0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com