Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72652L4M1 Datasheet(PDF) 57 Page - STMicroelectronics

Part # ST72652L4M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72652L4M1 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST72652L4M1 Datasheet HTML 53Page - STMicroelectronics ST72652L4M1 Datasheet HTML 54Page - STMicroelectronics ST72652L4M1 Datasheet HTML 55Page - STMicroelectronics ST72652L4M1 Datasheet HTML 56Page - STMicroelectronics ST72652L4M1 Datasheet HTML 57Page - STMicroelectronics ST72652L4M1 Datasheet HTML 58Page - STMicroelectronics ST72652L4M1 Datasheet HTML 59Page - STMicroelectronics ST72652L4M1 Datasheet HTML 60Page - STMicroelectronics ST72652L4M1 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 166 page
background image
ST7265x
57/166
MISCELLANEOUS REGISTERS (Cont’d)
MISCELLANEOUS REGISTER 2 (MISCR2)
Reset Value: 0000 0000 (00h)
Bits 7:5 = Reserved.
Bits 4:0 = P[4:0]
Power Management Bits
These bits are set and cleared by software. They
can be used to switch the on-chip peripherals of
the microcontroller ON or OFF. The registers are
not changed by switching the peripheral OFF and
then ON (contents are frozen while OFF).
0: Peripheral ON (running)
1: Peripheral OFF
MISCELLANEOUS REGISTER 3 (MISCR3)
Read /Write
Reset Value: 0000 0000 (00h)
Bit 7 = WDGHALT
Watchdog and HALT Mode
This bit is set and cleared by software. It deter-
mines if a RESET is generated when entering Halt
mode while the Watchdog is active (WDGA bit =1
in the WDGCR register).
In either case, the Watchdog will not reset the
MCU if a HALT instruction is executed while the
USB is in Suspend mode.
0: If the Watchdog is active, it will reset the MCU if
a HALT instruction is executed (unless the USB
is in Suspend mode)
1: When a HALT instruction is executed, the MCU
will enter Halt mode (without generating a reset)
even if the Watchdog is active.
Bits 6:4 = Reserved, forced by hardware to 0.
Bits 3:2= IS3[1:0]
ei2 Interrupt sensitivity
Interrupt sensitivity, defined using the IS3[1:0] bits,
is applied to the ei2 interrupts (Port C):
These 2 bits must be written only when I1 and I0 of
the CC register are both set to 1 (level 3).
Bit 1 = PWM1
PWM1 Output Control
0: PWM1 Output alternate function disabled (I/O
pin free for general purpose I/O).
1: PWM1 Output alternate function enabled
Bit 0 = PWM0
PWM0 Output Control
0: Output alternate function disabled (I/O pin free
for general purpose I/O).
1: PWM0 Output alternate function enabled
Table 16. Miscellaneous Register Map and Reset Values
70
0
0
0
P4P3P2
P1P0
Bit
Peripheral
P0
PWM
P1
Timer
P2
I2C
P3
USB
P4
DTC
70
WDG
HALT
0
0
0
IS31
IS30 PWM1 PWM0
IS31 IS30
External Interrupt Sensitivity
0
0
Falling edge & low level
0
1
Rising edge only
1
0
Falling edge only
1
1
Rising and falling edge
Address
(Hex.)
Register
Label
7
6
5
4
32
10
49
MISCR1
Reset Value
IS11
0
IS10
0
MCO
0
IS21
0
IS20
0
CP1
0
CP0
0
CPEN
0
4A
MISCR2
Reset Value
0
0
0
0
0
0
P4
0
P3
0
P2
0
P1
0
P0
0
4C
MISCR3
Reset Value
WDGHALT
0
0
0
0
0
0
0
IS31
0
IS30
0
PWM1
0
PWM0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com