Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72652L4M1 Datasheet(PDF) 146 Page - STMicroelectronics

Part # ST72652L4M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72652L4M1 Datasheet(HTML) 146 Page - STMicroelectronics

Back Button ST72652L4M1 Datasheet HTML 142Page - STMicroelectronics ST72652L4M1 Datasheet HTML 143Page - STMicroelectronics ST72652L4M1 Datasheet HTML 144Page - STMicroelectronics ST72652L4M1 Datasheet HTML 145Page - STMicroelectronics ST72652L4M1 Datasheet HTML 146Page - STMicroelectronics ST72652L4M1 Datasheet HTML 147Page - STMicroelectronics ST72652L4M1 Datasheet HTML 148Page - STMicroelectronics ST72652L4M1 Datasheet HTML 149Page - STMicroelectronics ST72652L4M1 Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 166 page
background image
ST7265x
146/166
13.9 CONTROL PIN CHARACTERISTICS
13.9.1 Asynchronous RESET Pin
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Figure 97. Typical Application with RESET pin
8)
Notes:
1. Unless otherwise specified, typical data are based on TA=25°C and VDD=5V.
2. Data based on characterization results, not tested in production.
3. Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested.
4. The IIO current sunk must always respect the absolute maximum rating specified in Section 13.2.2 and the sum of IIO
(I/O ports and control pins) must not exceed IVSS. Not tested in production.
5. The RON pull-up equivalent resistor is based on a resistive transistor (corresponding ION current characteristics de-
scribed in Figure 97). This data is based on characterization results, not tested in production.
6. All short pulse applied on RESET pin with a duration below th(RSTL)in can be ignored.
7. The reset network protects the device against parasitic resets, especially in a noisy environment.
8. The output of the external reset circuit must have an open-drain output to drive the ST7 reset pad. Otherwise the device
can be damaged when the ST7 generates an internal reset (LVD or watchdog).
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
VIL
Input low level voltage 2)
VDD=5V
VSS
0.3xVDD
V
VIH
Input high level voltage 2)
VDD=5V
0.7xVDD
VDD
Vhys
Schmitt trigger voltage hysteresis 3)
400
mV
VOL
Output low level voltage 4)
VDD=5V
IIO=+5mA
0.68
0.95
V
IIO=+2mA
0.28
0.45
RON
Weak pull-up equivalent resistor 5)
VIN=VSS
VDD=5V
70
100
130
k
Ω
VDD=3.3V
130
200
260
tw(RSTL)out Generated reset pulse duration
External pin or
internal reset sources
4
1/fSFOSC
th(RSTL)in External reset pulse hold time
6)
20
µs
tg(RSTL)in Filtered glitch duration
7)
100
ns
RESET
VDD
WATCHDOG RESET
ST72XXX
LVD RESET
INTERNAL
RON
0.1
µF
VDD
0.1
µF
VDD
4.7k
Ω
EXTERNAL
RESET
CIRCUIT 8)
RESET CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com