Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72652L4M1 Datasheet(PDF) 153 Page - STMicroelectronics

Part # ST72652L4M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72652L4M1 Datasheet(HTML) 153 Page - STMicroelectronics

Back Button ST72652L4M1 Datasheet HTML 149Page - STMicroelectronics ST72652L4M1 Datasheet HTML 150Page - STMicroelectronics ST72652L4M1 Datasheet HTML 151Page - STMicroelectronics ST72652L4M1 Datasheet HTML 152Page - STMicroelectronics ST72652L4M1 Datasheet HTML 153Page - STMicroelectronics ST72652L4M1 Datasheet HTML 154Page - STMicroelectronics ST72652L4M1 Datasheet HTML 155Page - STMicroelectronics ST72652L4M1 Datasheet HTML 156Page - STMicroelectronics ST72652L4M1 Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 166 page
background image
ST7265x
153/166
COMMUNICATION INTERFACE CHARACTERISTICS (Cont’d)
13.11.4 USB - Universal Bus Interface
Note 1: RL is the load connected on the USB drivers.
Note 2: All the voltages are measured from the local ground potential.
Note 3: An external decoupling capacitor (typical 100nF, min 47nF) must be connected between this pin
and USBVSS.
Figure 103. USB: Data Signal Rise and Fall
Time
Note1: Measured from 10% to 90% of the data signal. For more detailed informations, please refer to
Chapter 7 (Electrical) of the USB specification (version 1.1).
USB DC Electrical Characteristics
Parameter
Symbol
Conditions
Min. 2)
Max. 2)
Unit
Input Levels:
Differential Input Sensitivity
VDI
I(D+, D-)
0.2
V
Differential Common Mode Range
VCM
Includes VDI range
0.8
2.5
V
Single Ended Receiver Threshold
VSE
1.3
2.0
V
Output Levels
Static Output Low
VOL
RL of 1.5K ohms to 3.6V 1)
0.3
V
Static Output High
VOH
RL of 15K ohm to VSS
1)
2.8
3.6
V
USBVCC: voltage level
3)
USBV
VDD=4.0V - 5.5V
ILOAD Max = 3mA
3.00
3.60
V
USB: Full speed electrical characteristics
Parameter
Symbol
Conditions
Min
Max
Unit
Driver characteristics:
Rise time
tr
Note 1,CL=50 pF
4
20
ns
Fall Time
tf
Note 1, CL=50 pF
4
20
ns
Rise/ Fall Time matching
trfm
tr/tf
90
110
%
Output signal Crossover
Voltage
VCRS
1.3
2.0
V
Differential
Data Lines
VSS
tf
tr
Crossover
points
VCRS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com