Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATC210 Datasheet(PDF) 4 Page - Artesyn Technologies

Part # ATC210
Description  Integrated Power Conversion and Power Management Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ATC210 Datasheet(HTML) 4 Page - Artesyn Technologies

  ATC210 Datasheet HTML 1Page - Artesyn Technologies ATC210 Datasheet HTML 2Page - Artesyn Technologies ATC210 Datasheet HTML 3Page - Artesyn Technologies ATC210 Datasheet HTML 4Page - Artesyn Technologies ATC210 Datasheet HTML 5Page - Artesyn Technologies ATC210 Datasheet HTML 6Page - Artesyn Technologies ATC210 Datasheet HTML 7Page - Artesyn Technologies ATC210 Datasheet HTML 8Page - Artesyn Technologies ATC210 Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SXA10 Series
| 15W DC-DC
ATC210 Dual Series | 210 W DC-DC
Intermediate Bus Converters
4
Signal Electrical Interface Contd.
File Name: atc210.pdf Rev: 16 Aug 2006
Characteristic - Signal Name Symbol
Min
Typ
Max
Units
Notes and Conditions
Interrupt (output only) pin 18
Output, which goes active low
when any of the measured
parameters goes outside its
limits. See Application Note 205
for further detail
High level output voltage
Voh
2.90
3.10
3.30
V
Interrupt is not active
Low level output voltage
Vol
0.1
V
Interrupt is active
High level output current
Ioh
5.0
mA
Output source current
Low level sink current
Iol
5.0
mA
Output sink current
I2C Bus (input and output)
SDA and SCL referenced to
pins 20 and 22
secondary side 3.3 V return
Low level sink current
Iol
5.0
mA
provide the communication path
with the ‘host’ system.
See Application Note 205 for
further details
Clock frequency
I2Cfreq
100
kHz
This value is fixed
Address A0, A1, A2
Forms part of the I2C binary
pins 21, 19 and 17 (input only)
address. These are hardwired
to logic ‘1’ via 10 k pull-ups, but
can be configured to logic ‘0’ by
connecting to 3.3 V output
return via zero
Ω link(s).
See Application Note 205 for
further details
Enable A & B (input only)
These two inputs effectively
connect to their respective
returns once the Zone1
connector mates with the Zone1
socket on the backplane. Both
Enables must mate to start up
the unit
Holdup Characteristics
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Hold up capacitance
Choldup
Chold_min
8,000
µF
Chold_min depends on load and
requirement
hold up requirement on customer
system. See Application Note 205
Clamp voltage
Vcl
41.0
41.5
V
Voltage on hold up capacitors
(pin 12 wrt pin 9) when input is
43 V and 210 W load
Clamp voltage OVP
Vcl_ovp
48.0
V
If the clamp voltage exceeds
Vcl_ovp, the unit trips. Reset is
achieved by cycling the input
power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com