Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATC210 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # ATC210
Description  Integrated Power Conversion and Power Management Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ATC210 Datasheet(HTML) 2 Page - Artesyn Technologies

  ATC210 Datasheet HTML 1Page - Artesyn Technologies ATC210 Datasheet HTML 2Page - Artesyn Technologies ATC210 Datasheet HTML 3Page - Artesyn Technologies ATC210 Datasheet HTML 4Page - Artesyn Technologies ATC210 Datasheet HTML 5Page - Artesyn Technologies ATC210 Datasheet HTML 6Page - Artesyn Technologies ATC210 Datasheet HTML 7Page - Artesyn Technologies ATC210 Datasheet HTML 8Page - Artesyn Technologies ATC210 Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SXA10 Series
| 15W DC-DC
ATC210 Dual Series | 210 W DC-DC
Intermediate Bus Converters
2
Stresses in excess of the maximum ratings can cause permanent damage to the device. Operation of the device is not implied at these or any
other conditions in excess of those given in the specification. Exposure to absolute maximum ratings can adversely affect device reliability.
File Name: atc210.pdf Rev: 16 Aug 2006
Absolute Maximum Ratings
Input Characteristics
*See Application Note 205 (Section 5.2) for manufacturer and part number.
All specifications are typical at nominal input Vin = 48 V, full load under any resistive load combination at 25 ˚C unless otherwise stated.
Input Characteristics - Overload
and Short Circuit Protection
For all above overload and short circuit conditions, the unit shuts off safely. The unit can be restarted, providing the fault condition is no longer present.
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Primary overload current
Ipri_OL
7.7
8.8
10.3
A
Maximum current draw during
Primary overload duration
Tpri_OL
2.8
3.0
ms
overload event
Short circuit protection
IS/C_switch on
1.8
5.7
A
Maximum at 36 Volts Vin
across inrush capacitance (pin
TS/C_switch on
2.0
2.4
2.6
ms
11 wrt pin 10). Also includes
IS/C_operational
85
A
Worse case at 72 Volts Vin
the main power line from post
TS/C_operational
12
µ
µs
inrush circuit up to and
including the IBC input
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Input voltage - continuous
Vin (cont)
0
-75
Vdc
Vin(+) - Vin(-)
Input voltage - peak
Vin (peak)
-100
Vdc
Transients of 1 ms or
less duration
Operating temperature
Top
-25
85
ºC
Refer to thermal specification
section for derating guidelines
Storage temperature
Tstorage
-40
125
ºC
Output power
Pout (max)
0
210
W
Main output load current must
not exceed 17.5 A. Combined
power not to exceed 210 Watts
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Input voltage - operating
Vin (oper)
-36
-72
Vdc
Management power available
down to lower UVLO threshold
Input current - quiescent
lin(off)
10
mAdc
Outside working voltage range
for 2 s or more
Input Current - operating
Iin (cont)_48 V
0.142
A
@ 55.2 Vin
no load on 12 Vout and 3.3 Vout Iin (cont)_60 V
0.137
A
@ 69.0 Vin
Typical float voltage for 48 V and
60 V systems
Input capacitance requirement
C i/p
82
µF
See Application Note 205
(external)
Inrush current, maximum
linrush
8.8
10.30
A
Compliant with PICMG
amplitude
3.0 sec 4.1.4.1 for boards
Inrush current, duration
Tinrush
2.00
ms
Compliant with PICMG
3.0 sec 4.1.4.1 for boards
Input fuse
10/12
A
In –48_A,B / RTN A,B lines*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com