Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATC210 Datasheet(PDF) 9 Page - Artesyn Technologies

Part # ATC210
Description  Integrated Power Conversion and Power Management Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ATC210 Datasheet(HTML) 9 Page - Artesyn Technologies

Back Button ATC210 Datasheet HTML 5Page - Artesyn Technologies ATC210 Datasheet HTML 6Page - Artesyn Technologies ATC210 Datasheet HTML 7Page - Artesyn Technologies ATC210 Datasheet HTML 8Page - Artesyn Technologies ATC210 Datasheet HTML 9Page - Artesyn Technologies ATC210 Datasheet HTML 10Page - Artesyn Technologies ATC210 Datasheet HTML 11Page - Artesyn Technologies ATC210 Datasheet HTML 12Page - Artesyn Technologies ATC210 Datasheet HTML 13Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ATC210 Dual Series | 210 W DC-DC
9
www.artesyn.com
Intermediate Bus Converters
File Name: atc210.pdf Rev: 16 Aug 2006
General Description
Characteristic
Notes and Conditions
Bus type
I2C
Clock frequency
100 kHz
Supply Voltage (Note 1)
3.3 V
Serial Bus Interface
Inventory Data
Parameter Name
Address
Field Size
Firmware revision (primary)
40 h-47 h
8
Firmware revision (secondary)
48 h-4F h
8
Firmware P/N (primary)
50 h-5F h
16
Firmware P/V (secondary)
60 h-6F h
16
ATC210 P/N (Artesyn format)
70 h-87 h
24
ATC210 Revision
88 h-8F h
8
ATC210 Serial No.
90 h-97 h
8
ATC210 Date Code
98 h-9F h
8
ATC210 Vendor (Artesyn)
A0 h-A7 h
8
I2C Addressing and Access
Value Registers,
Address 20 h to 28 h
The temperature parameter is scaled at 0.5 ºC/bit with an offset of -10 ºC for a range of -10 ºC (00 h) to 117 ºC (FFh).
I2C Serial bus Interface - This page is a summary of the I2C features set for further detail refer to App 206 I2C Serial Bus Interface
Type
Parameter Name
Description
Scaling Factor
Address
Voltage (Pri)
-48 V
Voltage between HU- and HU+IN
0.2915 V/bit
20 h
Current (Pri)
-48 V
Current after input OR-ing
0.0273 A/bit
21 h
Voltage (Pri)
-48 V_A
Voltage between –48V A and RTN A
0.2817 V/bit
22 h
Voltage (Pri)
-48 V_B
Voltage between –48V A and RTN A
0.2817 V/bit
23 h
Voltage (Sec)
3.3 V
Management power voltage
0.0170 V/bit
24 h
Voltage (Sec)
12 V
Intermediate bus voltage
0.0598 V/bit
25 h
Current (Sec)
12 V
Current in intermediate bus
0.1082 A/Bit
26 h
Temperature (Sec)
Temp
Secondary side temperature
0.5 ºC/bit-10 ºC
27 h
Temperature (Pri)
Temp
Primary side temperature
0.5 ºC/bit-10 ºC
28 h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com