Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATC210 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # ATC210
Description  Integrated Power Conversion and Power Management Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ATC210 Datasheet(HTML) 3 Page - Artesyn Technologies

  ATC210 Datasheet HTML 1Page - Artesyn Technologies ATC210 Datasheet HTML 2Page - Artesyn Technologies ATC210 Datasheet HTML 3Page - Artesyn Technologies ATC210 Datasheet HTML 4Page - Artesyn Technologies ATC210 Datasheet HTML 5Page - Artesyn Technologies ATC210 Datasheet HTML 6Page - Artesyn Technologies ATC210 Datasheet HTML 7Page - Artesyn Technologies ATC210 Datasheet HTML 8Page - Artesyn Technologies ATC210 Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ATC210 Dual Series | 210 W DC-DC
Intermediate Bus Converters
3
www.artesyn.com
Signal Electrical Interface
File Name: atc210.pdf Rev: 16 Aug 2006
Turn On/Off
Characteristic - Signal Name Symbol
Min
Typ
Max
Units
Notes and Conditions
Remote ON/OFF
Isolated floating opto coupler
(Input only) pins 14 and 13
input. Can use 3.3 V output
(secondary) or directly
use enable A or B (primary) to
turn on main 12 V output
Input current
Iih
1.6
5.0
mA
Current flowing (into pin 14, out
of pin 13) to turn on 12 V output
Acceptable high level
Iih (leakage)
10
µA
Acceptable leakage current (into
pin 14, out of pin 13)
Low level input voltage
Vil
3.0
V
Converter is guaranteed on
when r/c voltage (pin 14 wrt to
pin 13) is equal to or greater
than Vil (min)
Opto coupler voltage drop
Vd(on)
1.5
V
Maximum photodiode voltage drop
Internal resistance
Rint
1.0
k
Ω
Series resistance between pin 14
and pin 13
Isolation
Basic
Isolation of signal from primary
and from secondary circuits
according to EN60950 and UL60950
A_OK# and B_OK#
Two open collector outputs,
(Output only) pins 16 and 17
used to monitor the status of
-48 V_A and -48 V_B buses
respectively. Signal is active low,
when buses are ‘OK’
Input Voltage (IBC)
35.0
Minimum voltage required at the
input to IBC for A_OK# and
B_OK# to be okay
Input current (sink)
Iol
0.3
0.8
3.4
mA
Sink current capability of each pin
Maximum allowable
Iol_leakage
10
µA
Maximum leakage current in
leakage current
open collector transistor when
pin is pulled to 3.3 V
Isolation
Basic
Isolation of signal pins from
primary circuits according to
EN60950 and UL60950
3.3 V Trim (Input only)
Allows the 3.3 V to be trimmed
pin 27/28
up and down
Controlled output voltage range
Vo trim up
3.48
3.52
V
Connect trim pin to output return
Vo trim down
3.13
3.16
V
to trim high, and to 3.3 Vout to
trim low. See Application Note 205
Programme/V select law
Rcontrol
8.06
k
Ω
V/mA, current from pin
increases output voltage
See Application Note 205 for
further details
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Input voltage - turn-on
Vin (on)
-36
Vdc
Input voltage - turn-off
Vin (uvlo)
-32
Vdc
Input voltage - turn-on
Vin (on)
-72
Vdc
Input voltage - turn-off
Vin (ovlo)
-77.5
Vdc
Rise time
Trise_3.3 V
1.1
ms
0 to 90%, full load, max output
capacitance. 3.3 V comes up first
Trise_12 V
20
ms
0 to 90%, full load, max output
capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com