Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATC210 Datasheet(PDF) 10 Page - Artesyn Technologies

Part # ATC210
Description  Integrated Power Conversion and Power Management Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ATC210 Datasheet(HTML) 10 Page - Artesyn Technologies

Back Button ATC210 Datasheet HTML 6Page - Artesyn Technologies ATC210 Datasheet HTML 7Page - Artesyn Technologies ATC210 Datasheet HTML 8Page - Artesyn Technologies ATC210 Datasheet HTML 9Page - Artesyn Technologies ATC210 Datasheet HTML 10Page - Artesyn Technologies ATC210 Datasheet HTML 11Page - Artesyn Technologies ATC210 Datasheet HTML 12Page - Artesyn Technologies ATC210 Datasheet HTML 13Page - Artesyn Technologies ATC210 Datasheet HTML 14Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SXA10 Series
| 15W DC-DC
ATC210 Dual Series | 210 W DC-DC
Intermediate Bus Converters
10
File Name: atc210.pdf Rev: 16 Aug 2006
5
15
25
35
45
55
65
75
85
0
50
100
150
200
250
300
400 LFM
300 LFM
200 LFM
100 LFM
AMBIENT TEMPERATURE (ºC)
5
15
25
35
45
55
65
75
85
0
50
100
150
200
250
300
400 LFM
300 LFM
200 LFM
100 LFM
AMBIENT TEMPERATURE (ºC)
Figure 1: Derating Curve with Forced Air
-39 V to -60 V input
Figure 2: Derating Curve with Forced Air
-36 V to -72 V input
Figure 4: Efficiency vs. Load
OUTPUT CURRENT (A)
39.5 V
48.0 V
72.0 V
50
60
70
80
90
100
2
4
6
8
10
12
14
16
18
Figure 5: Turn-On Characteristic (48 Vin)
Channel 1: 12 Vout; Channel 2: 3.3 Vout; Channel 4: 48 Vin
Figure 6: Turn-Off Characteristic
Full Resistive Load (Input Power Removed)
Channel 1: 12 Vout; Channel 2: 3.3 Vout; Channel 4: 48 Vin
3.3 Vout
12 Vout
48 Vin
3.3 Vout
48 Vin
12 Vout
INPUT VOLTAGE (V)
89.00
89.50
90.00
90.50
91.00
35
45
55
65
75
Full Load
Figure 3: Efficiency vs. Line (Full Load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com