Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATC210 Datasheet(PDF) 6 Page - Artesyn Technologies

Part # ATC210
Description  Integrated Power Conversion and Power Management Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ATC210 Datasheet(HTML) 6 Page - Artesyn Technologies

Back Button ATC210 Datasheet HTML 2Page - Artesyn Technologies ATC210 Datasheet HTML 3Page - Artesyn Technologies ATC210 Datasheet HTML 4Page - Artesyn Technologies ATC210 Datasheet HTML 5Page - Artesyn Technologies ATC210 Datasheet HTML 6Page - Artesyn Technologies ATC210 Datasheet HTML 7Page - Artesyn Technologies ATC210 Datasheet HTML 8Page - Artesyn Technologies ATC210 Datasheet HTML 9Page - Artesyn Technologies ATC210 Datasheet HTML 10Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SXA10 Series
| 15W DC-DC
ATC210 Dual Series | 210 W DC-DC
Intermediate Bus Converters
6
Material Ratings
Characteristic
Notes and Conditions
Flammability rating
UL94V-0
Safety Agency Approvals
Model Numbers
File Name: atc210.pdf Rev: 16 Aug 2006
Characteristic
Notes and Conditions
UL/cUL60950-1
E174104
TÜV Product Services EN60950-1 B051138572060
CB certficate and report to
DE3-53905
IEC60950-1
Model
Input
Output
Output Current
Typical
Max. Load
Note
Number
Voltage
Voltage
(Max.)
Efficiency
Regulation
ATC210-48D12-03J
-36 to -72 Vdc
12 V
17.5 A
89% @ full load
±5%
Total output
power = 210 W
3.3 V
1.8 A
±3%
Management
power
EMC
Electromagnetic Compatibility
Referenced ETSI standards:
ETS 300 386-1 table 5 (1997): Public telecommunication network equipment, EMC requirements
ETS 300 132-2 (1996): Power supply interface at the input to telecommunication equipment: Part 2 operated by direct current (dc)
ETR 283 (1997): Transient voltages at interface A on telecommunication direct current (dc) power distributions
PICMG® 3.0 rev 2.0 : AdvancedTCA™ Base Specification
Phenomenon
Port
Standard
Test level
Criteria
Notes and conditions
Immunity:
Radiated immunity
EN61000-4-3
ESD
Enclosure
EN61000-4-2
6 kV contact
As per ETS 300 386-1 table 5
8 kV air
Emissions:
Conducted emission
-48 V A or B bus
EN55022
A/B
Conducted See Application Note 205 for guidelines
and returns
on how to meet the required EMI standard
RoHS Compliance Ordering Information
The ‘J’ at the end of the part number
indicates that the part is Pb-free
(RoHS 6/6 compliant). TSE RoHS 5/6
(non Pb-free) compliant versions may
be available on special request, please
contact your local sales representative
for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com