Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATC210 Datasheet(PDF) 5 Page - Artesyn Technologies

Part # ATC210
Description  Integrated Power Conversion and Power Management Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ATC210 Datasheet(HTML) 5 Page - Artesyn Technologies

  ATC210 Datasheet HTML 1Page - Artesyn Technologies ATC210 Datasheet HTML 2Page - Artesyn Technologies ATC210 Datasheet HTML 3Page - Artesyn Technologies ATC210 Datasheet HTML 4Page - Artesyn Technologies ATC210 Datasheet HTML 5Page - Artesyn Technologies ATC210 Datasheet HTML 6Page - Artesyn Technologies ATC210 Datasheet HTML 7Page - Artesyn Technologies ATC210 Datasheet HTML 8Page - Artesyn Technologies ATC210 Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ATC210 Dual Series | 210 W DC-DC
Intermediate Bus Converters
5
www.artesyn.com
File Name: atc210.pdf Rev: 16 Aug 2006
Other Specifications
Environmental Specifications
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Switching frequency
Fsw
400
kHz
As determined by IBC
Weight
80
g
Common Protection/Control
Reliability and Service Life
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Mean time between failure
MTBF
2,008,000
Hours
Telcordia SR-332
Vin = Vin (nom); Iout = Iout
(max); ambient 25 ºC;
ground benign environment
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Overtemperature protection
Top
120
125
130
ºC
The IBC shuts down, resulting in
(IBC)
both shut down of 3.3 V and 12 V.
Once the substrate temperature
has decreased by 5 ºC, the IBC
turns back on enabling both
voltages
Overtemperature protection
Temperature sensors are on
(main unit)
primary and secondary side.
Primary side threshold
Tpri
107
ºC
Once the thresholds have been
Secondary side threshold
Tsec
102
ºC
exceeded, the 12 V output is
Primary side hysterisis
Tpri_hys
20
ºC
disabled, but the 3.3 V remains.
Secondary side hysterisis
Tsec_hys
10
ºC
The 12 V output can only be
enabled by cycling power or
through the I2C interface
provided that the temperature
has decreased below its
hysterisis level. Adjustable
primary and secondary
thresholds are also provided and
can be set lower than the fixed
thresholds. See Application
Note 205.
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Thermal Performance
Top
-25
85
ºC
See derating curves (Figures 1,2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com