Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATC210 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # ATC210
Description  Integrated Power Conversion and Power Management Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ATC210 Datasheet(HTML) 1 Page - Artesyn Technologies

  ATC210 Datasheet HTML 1Page - Artesyn Technologies ATC210 Datasheet HTML 2Page - Artesyn Technologies ATC210 Datasheet HTML 3Page - Artesyn Technologies ATC210 Datasheet HTML 4Page - Artesyn Technologies ATC210 Datasheet HTML 5Page - Artesyn Technologies ATC210 Datasheet HTML 6Page - Artesyn Technologies ATC210 Datasheet HTML 7Page - Artesyn Technologies ATC210 Datasheet HTML 8Page - Artesyn Technologies ATC210 Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ATC210 Dual-Input Bus Converter
Integrated Power Conversion and Power Management Solution
ATC210 Dual Series | 210 W DC-DC
Intermediate Bus Converters
1
File Name: atc210.pdf Rev: 16 Aug 2006
The dual input ATC210 bus converter
provides AdvancedTCA (ATCA/PICMG3.0)
board designers a compact and rugged
solution for generating intermediate bus
voltages in a footprint-optimized package.
The ATC210 is more than a power
converter. It also provides power interface
and power management functionality. The
power interface functions include ORing,
filtering and inrush control, while power
management functionality is facilitated by
both I2C serial bus and direct high-speed
interfaces.
Footprint optimized for high-density ATCA applications
Accepts inputs from both -48 V “A” and “B” feeds
Power management functions include ORing, inrush control and transient
protection
210 W on 12 V Intermediate Bus
6 W on 3.3 V Management Power Bus
I2C serial bus interface for monitoring and reporting
Programmable alarm thresholds via I2C Bus
Hardware alarms via opto-isolators for loss of A or B feeds
Comprehensive protection circuitry - current, voltage and temperature
RoHS compliant
Critical alarms, such as loss of A or B
feeds, are hardware-implemented. Other
alarms are implemented over an I2C serial
bus which is enhanced with an interrupt
pin.
The solution is provided in a 2.3 x 1.8 inch
(59mm x 46mm) footprint and provides an
optimized solution for space-constrained
systems that employ distributed power
architectures.
[ 2 YEAR WARRANTY ]


Similar Part No. - ATC210

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATC210 ATMEL-ATC210 Datasheet
500Kb / 16P
Dual-Input Bus Converter
logo
Emerson Network Power
ATC210 EMERSON-NETWORKPOWER-ATC210 Datasheet
487Kb / 16P
Dual-Input Bus Converter
logo
ATMEL Corporation
ATC210-48D12-03J ATMEL-ATC210-48D12-03J Datasheet
500Kb / 16P
Dual-Input Bus Converter
logo
Emerson Network Power
ATC210-48D12-03J EMERSON-NETWORKPOWER-ATC210-48D12-03J Datasheet
487Kb / 16P
Dual-Input Bus Converter
More results

Similar Description - ATC210

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL2005 INTERSIL-ZL2005 Datasheet
474Kb / 39P
Digital-DC??Integrated Power Management and Conversion IC
February 18, 2009
logo
Unisonic Technologies
L8200 UTC-L8200_15 Datasheet
206Kb / 6P
SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
logo
Intersil Corporation
ZL2005ALNFT INTERSIL-ZL2005ALNFT Datasheet
816Kb / 40P
Digital-DC??Integrated Power Management and Conversion IC
February 23, 2011
logo
Maxim Integrated Produc...
MAX20303 MAXIM-MAX20303 Datasheet
2Mb / 152P
Wearable Power Management Solution
Rev 6; 10/17
logo
Renesas Technology Corp
ZL2005 RENESAS-ZL2005 Datasheet
1Mb / 39P
Digital-DC??Integrated Power Management and Conversion IC
logo
Shenzhen Huazhimei Semi...
HM5826 HMSEMI-HM5826 Datasheet
1Mb / 7P
Mobile power management solution
HM5827 HMSEMI-HM5827 Datasheet
886Kb / 6P
Mobile power management solution
HM5828 HMSEMI-HM5828 Datasheet
1Mb / 6P
Mobile power management solution
HM5805E HMSEMI-HM5805E Datasheet
2Mb / 10P
Mobile power management solution
logo
Analog Devices
MAX20356 AD-MAX20356 Datasheet
10Mb / 192P
Wearable Power-Management Solution
Rev 0; 3/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com