Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4973 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L4973
Description  3.5A step down switching regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4973 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L4973 Datasheet HTML 2Page - STMicroelectronics L4973 Datasheet HTML 3Page - STMicroelectronics L4973 Datasheet HTML 4Page - STMicroelectronics L4973 Datasheet HTML 5Page - STMicroelectronics L4973 Datasheet HTML 6Page - STMicroelectronics L4973 Datasheet HTML 7Page - STMicroelectronics L4973 Datasheet HTML 8Page - STMicroelectronics L4973 Datasheet HTML 9Page - STMicroelectronics L4973 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Electrical characteristics
L4973
6/27
4
Electrical characteristics
Table 4. Electrical characteristics
(Refer to the test circuit,VCC = 24V; TJ = 25°C, COSC = 2.7nF; ROSC = 20KΩ;
unless otherwise specified)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Dynamic characteristics
Input Voltage Range (1)
VO = VREF to 40V; IO = 3.5A (2)
855
V
Output Voltage
L4973V5.1
IO = 1A
5.05
5.1
5.15
V
IO = 0.5A to 3.5A VCC = 8V
to 55V
5.00
5.1
5.20
V
(2)
4.95
5.1
5.25
V
Output Voltage
L4973V3.3
IO = 1A
3.326
3.36
3.393
V
IO = 0.5A to 3.5A VCC = 8V
to 40V
3.292
3.36
3.427
V
(2)
3.26
3.36
3.46
V
RDS(on )
VCC = 10.5V IO = 3.5A
0.15
0.22
Ω
(2)
0.35
Ω
Maximum Limiting
Current
VCC = 8V to 55V
(2)
3.8
4.5
5.5
A
4
4.5
5.5
A
η
Efficiency
VO = 5.1V; IO = 3.5A
90
%
VO = 3.3V; IO = 3.5A
85
%
Switching Frequency
(2)
90
100
110
KHz
Supply Voltage Ripple
Rejection
Vi = VCC+2VRMS VO = Vref;
IO = 1A; fripple = 100Hz
60
dB
∆f
sw
Switching Frequency
Stability vs., Supply
Voltage
VCC = 8V to 55V
2
5
%
Reference section
Reference Voltage
Iref = 0 to 20mA;
VCC = 8 to 55V
5.025
5.1
5.175
V
(2)
4.950
5.1
5.250
V
Line Regulation
Iref = 0mA;
VCC = 8 to 55V
5
10
mV
Load Regulation
Vref = 0 to 5mA;
VCC = 0 to 20mA
2
6
10
25
mV
mV
Short Circuit Current
30
65
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com