Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4973 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L4973
Description  3.5A step down switching regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4973 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L4973 Datasheet HTML 8Page - STMicroelectronics L4973 Datasheet HTML 9Page - STMicroelectronics L4973 Datasheet HTML 10Page - STMicroelectronics L4973 Datasheet HTML 11Page - STMicroelectronics L4973 Datasheet HTML 12Page - STMicroelectronics L4973 Datasheet HTML 13Page - STMicroelectronics L4973 Datasheet HTML 14Page - STMicroelectronics L4973 Datasheet HTML 15Page - STMicroelectronics L4973 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Typical characteristics
L4973
12/27
7
Typical characteristics
Figure 9.
Quiescent drain current vs.
input voltage (0% duty cycle)
Figure 10. Quiescent drain current vs.
junction temperature
Figure 11. Stand by drain current vs.
input voltage
Figure 12. Reference voltage vs. junction
temperature (pin 16)
0
1020304050
VCC(V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Ibias
(mA)
Tamb=25˚C
0% DC
D97IN633A
100KHz-R2=20K
C7=2.7nF
200KHz-R2=22K
C7=1.2nF
0Hz
-50
0
50
100
Tj(˚C)
2.5
3.0
3.5
4.0
Ibias
(mA)
D97IN634
100KHz-R2=20K
C7=2.7nF
200KHz-R2=22K
C7=1.2nF
0Hz
0% DC
VCC = 35V
0
1020304050
VCC(V)
50
100
150
Ibias
(
µA)
D97IN635A
25˚C
125˚C
Vinh = 5V
-40
0
40
80
Tj(˚C)
-20
20
60
100
5.0
5.05
5.1
5.15
VREF
(V)
D97IN637
Vcc=35V
Pin 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com