Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4973 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L4973
Description  3.5A step down switching regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4973 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L4973 Datasheet HTML 13Page - STMicroelectronics L4973 Datasheet HTML 14Page - STMicroelectronics L4973 Datasheet HTML 15Page - STMicroelectronics L4973 Datasheet HTML 16Page - STMicroelectronics L4973 Datasheet HTML 17Page - STMicroelectronics L4973 Datasheet HTML 18Page - STMicroelectronics L4973 Datasheet HTML 19Page - STMicroelectronics L4973 Datasheet HTML 20Page - STMicroelectronics L4973 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
L4973
Typical characteristics
17/27
Figure 31. Efficiency vs. output current
(see Figure 8)
Figure 32. Power dissipation vs. input
voltage (device only)
(see Figure 7)
Figure 33. Power dissipation vs. output
voltage (device only)
Figure 34. Pulse by pulse limiting
current vs.
junction temperature
0123
IO(A)
0.5
1.5
2.5
3.5
70
75
85
η
(%)
80
90
D97IN662
Vcc=48V
Vcc=12V
Vcc=24V
VO = 3.3V
fsw = 200KHz
0
10
30
40
Vcc(V)
20
50
0
0.5
1.0
1.5
Pdiss
(W)
D97IN647A
IO=3.5A
IO=3A
IO=2A
IO=2.5A
VO = 5.1V
fsw = 100KHz
0
5
15
20
VO(V)
10
25
30
0
0.5
1.0
1.5
Pdiss
(W)
2.0
2.5
3.0
D97IN648
IO=3.5A
IO=3A
IO=1A
IO=2A
IO=2.5A
VCC = 35V
fsw = 100KHz
-40 -20
60 80
Tj(˚C)
0
120
20 40
100
4.2
4.4
4.6
4.8
Ilim
(A)
5
5.2
D97IN652
Vcc=35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com