Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4973 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4973
Description  3.5A step down switching regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4973 Datasheet(HTML) 4 Page - STMicroelectronics

  L4973 Datasheet HTML 1Page - STMicroelectronics L4973 Datasheet HTML 2Page - STMicroelectronics L4973 Datasheet HTML 3Page - STMicroelectronics L4973 Datasheet HTML 4Page - STMicroelectronics L4973 Datasheet HTML 5Page - STMicroelectronics L4973 Datasheet HTML 6Page - STMicroelectronics L4973 Datasheet HTML 7Page - STMicroelectronics L4973 Datasheet HTML 8Page - STMicroelectronics L4973 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Pin settings
L4973
4/27
2.2
Pin description
Note:
1
The maximum power dissipation of the package must be observed.
Table 1. Pin description
N° Pin
Name
Description
DIP-18
SO-20
11
12
COMP
E/A output to be used for frequency compensation
10
11
INH
A logic signal (active high) disables the device (sleep
mode operation). If not used it must be connected to
GND; if floating the device is disabled.
9
10
BOOT
A capacitor connected between this pin and the output
allows to drive the internal D-MOS.
18
20
SYNC
Input/Output synchronization.
7,8
8,9
VCC
Unregulated DC input voltage
2,3
2,3
OUT
Stepdown regulator output.
12
13
VFB
Stepdown feedback input. Connecting the output
directly to this pin results in an output voltage of 3.3V for
the L4973V3.3 and 5.1V for L4973V5.1. An external
resistive divider is required for higher output voltages.
For output voltage resistive divider is required for higher
output voltages. For output voltage less than 3.3V, see
Note: 1 and Figure 33.
16
18
V5.1
Reference voltage externally available.
4,5,6
13,14,15
4,5,6,7
14,15,16,17
GND
Signal ground
1
1
OSC
An external resistor connected between the unregulated
input voltage and Pin 1 and a capacitor connected from
Pin 1 to ground fixes the switching frequency. (Line feed
forward is automatically obtained)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com