Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4973 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L4973
Description  3.5A step down switching regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4973 Datasheet(HTML) 5 Page - STMicroelectronics

  L4973 Datasheet HTML 1Page - STMicroelectronics L4973 Datasheet HTML 2Page - STMicroelectronics L4973 Datasheet HTML 3Page - STMicroelectronics L4973 Datasheet HTML 4Page - STMicroelectronics L4973 Datasheet HTML 5Page - STMicroelectronics L4973 Datasheet HTML 6Page - STMicroelectronics L4973 Datasheet HTML 7Page - STMicroelectronics L4973 Datasheet HTML 8Page - STMicroelectronics L4973 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
L4973
Electrical data
5/27
3
Electrical data
3.1
Maximum ratings
3.2
Thermal data
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
DIP-18
S0-20
V7,V8
V9,V8
Input voltage
58
V
V2,V3
V2,V3
Output DC voltage
Output peak voltage at t = 0.1
µs f = 200KHz
-1
- 5
V
V
I2,I3
I2,I3
Maximum output current
int. limit.
V9-V8
V10-V8
14
V
V9
V10
Bootstrap voltage
70
V
V11
V12
Analogs input voltage (
VCC = 24V)
12
V
V17
V19
Analogs input voltage (VCC = 24V)
13
V
V12
V13
(VCC = 20V)
6
-0.3
V
V
V18
V20
(VCC = 20V)
5.5
0.3
V
V
V10
V11
Inhibit
VCC
-0.3
V
V
Ptot
DIP 12+3+3
Power dissipation a Tpins
≤ 90°C
(TA = 70°C no copper area)
(TA = 70°C 4cm copper area on PCB)
5
1.3
2
W
W
W
SO-20
Power dissipation a Tpins = 90°C
4W
TJ,TSTG
Junction and storage temperature
-40 to 150
°C
Table 3. Thermal data
Symbol
Parameter
DIP-18
SO-20
Unit
RthJP
Maximum thermal resistance junction-pin
12
15
°C/W
RthJA
Maximum thermal resistance junction-ambient
60 (1)
1.
Package mounted on board
80 (1)
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com