Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4973 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4973
Description  3.5A step down switching regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4973 Datasheet(HTML) 1 Page - STMicroelectronics

  L4973 Datasheet HTML 1Page - STMicroelectronics L4973 Datasheet HTML 2Page - STMicroelectronics L4973 Datasheet HTML 3Page - STMicroelectronics L4973 Datasheet HTML 4Page - STMicroelectronics L4973 Datasheet HTML 5Page - STMicroelectronics L4973 Datasheet HTML 6Page - STMicroelectronics L4973 Datasheet HTML 7Page - STMicroelectronics L4973 Datasheet HTML 8Page - STMicroelectronics L4973 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
May 2007
Rev 17
1/27
27
L4973
3.5A step down switching regulator
Features
■ Up to 3.5A step down converter
■ Operating input voltage from 8V to 55V
■ 3.3V and 5.1V (±1%) fixed output, and
adjustable outputs from:
– 0.5V to 50V (3.3 type)
– 5.1V to 50V (5.1 type)
■ Frequency adjustable up to 300kHz
■ Voltage feed forward
■ Zero load current operation (min 1mA)
■ Internal current limiting (pulse by pulse and
HICCUP mode)
■ Precise 5.1V (1.5%) reference voltage
externally available
■ Input/output synchronization function
■ Inhibit for zero current consumption (100mA
typ. at VCC = 24V)
■ Protection against feedback disconnection
■ Thermal shutdown
■ Output over voltage protection
■ Soft start function
Description
The L4973 is a step down monolithic power
switching regulator delivering 3.5A at fixed
voltages of 3.3V or 5.1V and using a simple
external divider output adjustable voltage up to
50V. Realized in BCD mixed technology, the
device uses an internal power D-MOS transistor
(with a typical RDS(on) of 0.15Ω) to obtain very
high efficiency and very fast switching times.
Switching frequency up to 300KHz are achievable
(the maximum power dissipation of the packages
must be observed).
A wide input voltage range between 8V to 55V
and output voltages regulated from 3.3V to 40V
cover the majority of the today applications.
Features of this new generation of DC-DC
converter includes pulse by pulse current limit,
hiccup mode for output short circuit protection,
voltage feed forward regulation, soft start,
input/output synchronization, protection against
feedback loop disconnection, inhibit for zero
current consumption and thermal shutdown.
Packages available are in plastic dual in line, DIP-
18 (12+3+3) for standard assembly, and SO20
(12+4+4) for SMD assembly.
DIP-18 (12+3+3)
SO-20 (12+4+4)
www.st.com
Figure 1.
Internal schematic diagram
L4973
V
CC (8V to 55V)
CIN
C2
ROSC
COSC
D1
L1
COUT
VO(3.3V or 5.1V)
CBOOT
4,5,6,10
13,14,15
7
9
8
1
11
3
D97IN554A
17
RCOMP
CCOMP
CSS
2
16
12


Similar Part No. - L4973

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4973 STMICROELECTRONICS-L4973 Datasheet
222Kb / 16P
3.5A STEP DOWN SWITCHING REGULATOR
Apr-2000
L4973D3 STMICROELECTRONICS-L4973D3 Datasheet
222Kb / 16P
3.5A STEP DOWN SWITCHING REGULATOR
Apr-2000
L4973D3.3 STMICROELECTRONICS-L4973D3.3 Datasheet
222Kb / 16P
3.5A STEP DOWN SWITCHING REGULATOR
Apr-2000
L4973D3.3-L4973D5.1 STMICROELECTRONICS-L4973D3.3-L4973D5.1 Datasheet
222Kb / 16P
3.5A STEP DOWN SWITCHING REGULATOR
Apr-2000
L4973D33 STMICROELECTRONICS-L4973D33 Datasheet
222Kb / 16P
3.5A STEP DOWN SWITCHING REGULATOR
Apr-2000
More results

Similar Description - L4973

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4973V33-L4973V51 STMICROELECTRONICS-L4973V33-L4973V51 Datasheet
222Kb / 16P
3.5A STEP DOWN SWITCHING REGULATOR
Apr-2000
logo
Linear Technology
LT1913 LINER-LT1913 Datasheet
292Kb / 24P
25V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693 Datasheet
310Kb / 24P
36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3692 LINER-LT3692 Datasheet
532Kb / 36P
Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT1913 LINER-LT1913_15 Datasheet
290Kb / 24P
25V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693_15 Datasheet
313Kb / 24P
36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3692 LINER-LT3692_15 Datasheet
604Kb / 36P
Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3692A LINER-LT3692A_15 Datasheet
729Kb / 42P
Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT8610AB LINER-LT8610AB Datasheet
210Kb / 6P
42V, 3.5A Micropower Synchronous Step-Down Regulator
LT3692A LINER-LT3692A Datasheet
729Kb / 42P
Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com