Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4973 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L4973
Description  3.5A step down switching regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4973 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L4973 Datasheet HTML 14Page - STMicroelectronics L4973 Datasheet HTML 15Page - STMicroelectronics L4973 Datasheet HTML 16Page - STMicroelectronics L4973 Datasheet HTML 17Page - STMicroelectronics L4973 Datasheet HTML 18Page - STMicroelectronics L4973 Datasheet HTML 19Page - STMicroelectronics L4973 Datasheet HTML 20Page - STMicroelectronics L4973 Datasheet HTML 21Page - STMicroelectronics L4973 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Typical characteristics
L4973
18/27
Figure 35. Load transient
Figure 36. Line transient
Figure 37. Source current rise and fall
time, pin 2, 3 (see Figure 4)
Figure 38. Soft start capacitor selection
vs. inductor and VCC max (ref.
AN938)
1
2
IO
(A)
3
2
1
VO
(mV)
100
0
-100
D97IN649
T
T
200
µs/DIV
VCC = 35V
fsw = 100KHz
2
1
D97IN650
VCC
(V)
30
20
10
VO
(mV)
100
0
-100
1ms/DIV
IO = 1A
fsw = 100KHz
25
30
35
40
Vi(V)
50
45
0
50
100
150
Lomax
(
µH)
200
250
300
D97IN653
Css=100nF
Css=220nF
Css=470nF
Css=680nF
Css=820nF
Css=1
µF
fsw = 100KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com