Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4973 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L4973
Description  3.5A step down switching regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4973 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L4973 Datasheet HTML 16Page - STMicroelectronics L4973 Datasheet HTML 17Page - STMicroelectronics L4973 Datasheet HTML 18Page - STMicroelectronics L4973 Datasheet HTML 19Page - STMicroelectronics L4973 Datasheet HTML 20Page - STMicroelectronics L4973 Datasheet HTML 21Page - STMicroelectronics L4973 Datasheet HTML 22Page - STMicroelectronics L4973 Datasheet HTML 23Page - STMicroelectronics L4973 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Application ideas
L4973
20/27
8
Application ideas
Figure 41. 3.5A at VO < 3.3V (see part list Figure 4)
Figure 42. 12V to 3.3V high performance buck converter (fsw = 200kHz)
L4973V3.3
VCC
C1
C2
R2
C7
C3
C4
C5
C6
R1
D1
L1
3 x
C0
Vo
C8
4,5,6
13,14,15
7,8
10
18
9
1
17
INH
SYNC
11
2,3
12
16
R3
D97IN666A
R5
VP
R5
R3
1
3.6K
4.7K
1.5
2K
2K
2
4.7K
3.6K
2.5
7.5K
3.6K
3
5.1K
1K
VO=3.36-1.74•
R3
R5
L1
KoolMm 77120- 24 Turns- 0.9mm
D1
STPS1025
L4973V3.3
VCC
12V±5%
C1
560uF-25V
HFQ
Panasonic
C2
220nF
R2
22k
C7
1.2nF
C3
33nF
C4
1uF
C5
220pF
C6
22nF
R1
9k1
D1
L1
C9
470uF-25V
HFQ
Panasonic
Vo=3.33V
Io=3.5A
C8
220nF
4,5,6
13,14,15
7,8
10
18
9
1
17
16
INH
SYNC
11
2,3
12
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 Io(A)
80
82
84
86
88
90
92
η
(%)
D97IN668A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com