Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFSC Datasheet(PDF) 233 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 233 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 229Page - Lattice Semiconductor LFSC Datasheet HTML 230Page - Lattice Semiconductor LFSC Datasheet HTML 231Page - Lattice Semiconductor LFSC Datasheet HTML 232Page - Lattice Semiconductor LFSC Datasheet HTML 233Page - Lattice Semiconductor LFSC Datasheet HTML 234Page - Lattice Semiconductor LFSC Datasheet HTML 235Page - Lattice Semiconductor LFSC Datasheet HTML 236Page - Lattice Semiconductor LFSC Datasheet HTML 237Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 233 / 237 page
background image
June 2008
Data Sheet DS1004
© 2008 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
www.latticesemi.com
7-1
DS 1004 Revision History
Date
Version
Section
Change Summary
February 2006
01.0
—
Initial release.
March 2006
01.1
Introduction
SC25 1020 I/O count changed to 476.
Architecture
Changed ROM 16X4 to ROM 16X2.
Changed “X2 or X4” to “DIV2 or DIV4”.
Added Global Set/Reset Section.
DC and Switching
Characteristics
Added notes 5 and 6 to Recommended Operating Conditions table.
Added Power Supply Ramp Rates table.
Removed -5 and -6 speed grades from Typical Building Block Perfor-
mance table.
Added Input Delay Timing table.
Added Synchronous GSR Timing table.
Pinout Information
Expanded PROBE_VCC and PROBE_GND description.
Removed A-RXREFCLKP_[L/R] from Signal Description table.
Added RESP_[ULC/URC] to Signal Description table.
Added notes 1 and 2 to Signal Description table.
Changed number of NCs to 28.
Changed number of SERDES (signal + power supply) to 74.
Removed RESP balls from NC list (B2, C2, B29, C29).
Added note to VTT table.
Changed RxRefclk (B2 and C2) to NC.
Added RESP_ULC.
Added RESP_URC.
Changed RxRefclk (B29 and C29) to NC.
June 2006
01.2
Introduction
Changed SERDES min bandwidth from 622 Mbps to 600 Mbps.
Changed max SERDES bandwidth from 3.4 Gbps to 3.8 Gbps.
Corrected number of package I/Os for the SC80 and SC115 1704 pin
packages.
Updated speed performance for typical functions with ispLEVER 6.0
values.
Architecture
Changed “When these pins are not used they should be left uncon-
nected.” with “Unused VTT pins should be connected to GND if the
internal or external VCMT function is not used in the bank. If the internal
or external VCMT function for differential input termination is used, the
VTT pins should be unconnected and allowed to float.”
Added “SERDES Power Supply Sequencing Requirements” section.
Changed total bandwidth per quad from 13.6 Gbps to 15.2 Gbps.
Added the accuracy of the temperature-sensing diode to be typically +/-
10 °C. Also referred to a temperature-sensing diode application note for
more information.
DC and Switching
Characteristics
Changed “CTAP” to “internal or external VCMT”.
Changed VCC12 parameter to include VDDP, VDDTX and VDDRX.
Changed typical values to match ispLEVER 6.0 Power Calculator.
LatticeSC/M Family Data Sheet
Revision History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com