Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFSC Datasheet(PDF) 234 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 234 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 229Page - Lattice Semiconductor LFSC Datasheet HTML 230Page - Lattice Semiconductor LFSC Datasheet HTML 231Page - Lattice Semiconductor LFSC Datasheet HTML 232Page - Lattice Semiconductor LFSC Datasheet HTML 233Page - Lattice Semiconductor LFSC Datasheet HTML 234Page - Lattice Semiconductor LFSC Datasheet HTML 235Page - Lattice Semiconductor LFSC Datasheet HTML 236Page - Lattice Semiconductor LFSC Datasheet HTML 237Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 234 / 237 page
background image
7-2
Revision History
Lattice Semiconductor
LatticeSC/M Family Data Sheet
June 2006
(cont.)
01.2
(cont.)
DC and Switching
Characteristics (cont.)
Updated Typical Building Block Performance with ispLEVER 6.0 values.
Updated LatticeSC External Switching Characteristics with ispLEVER
6.0 values.
Updated Lattice SC Internal Timing Parameters with ispLEVER 6.0 val-
ues.
Updated Lattice SC Family Timing Adders with ispLEVER 6.0 values
Changed % spread from 1 to 0.5 min and from 3 to 1.5 max.
Changed conditions to refer to “with multiplication” and “without multipli-
cation”.
Changed the formula for tOPJIT with multiplication (same result, different
representation).
Pinout Information
Expanded definition of NC.
Expanded definition of GND.
Expanded definition of VTT_x.
Expanded definition of VCC12.
Added accuracy of TEMP pin.
Added RESPN_[ULC/URC].
Updated Pin Information Summary with additional devices and pack-
ages.
Added additional devices and packages pinouts.
Removed Power Supply and NC connections table
Removed VTT table
Removed LFSC25 Logic Signal Connections: 900-Ball ffBGA1 table
Changed all VDDP, VDDTX and VDDRX to VCC12.
Ordering Information
Added dual marking.
Added lead free packaging information to part number description.
August 2006
01.3
Introduction
Added SC40 1152 information to Table 1-1.
Updated Table 1-3 with ispLEVER 6.0 SP1 results.
Architecture
Added SSTL18 II to Table 2-8.
Changed Table 2-10 VCCIO column to “N/A” for LVDS, mini-LVDS,
BLVDS25, MLVDS25, HYPT and RSDS.
Changed Hypertransport performance to 700 MHz (1400 Mbps) in
Table 2-11.
Changed SPI4.2 performance to 500 MHz (1000 Mbps) in Table 2-11
Added “On packages that include PROBE_GND, the most accurate
measurements will occur between the TEMP pin and the PROBE_GND
pin. On packages that do not include PROBE_GND, measurements
should be made between the TEMP pin and board ground.”
Added VCCIO of 2.5 V for LVPECL33 in table 2-9.
DC and Switching
Characteristics
Updated Typical Building Block Performance with ispLEVER 6.0 SP1
results.
Updated Initialization and Standby Supply Current table to break out
ICC and ICC12.
Updated LatticeSC External Switching Characteristics with ispLEVER
6.0 SP1 results.
Updated LatticeSC Internal Timing Parameters with ispLEVER 6.0 SP1
results.
Date
Version
Section
Change Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com