Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFSC Datasheet(PDF) 235 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 235 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 229Page - Lattice Semiconductor LFSC Datasheet HTML 230Page - Lattice Semiconductor LFSC Datasheet HTML 231Page - Lattice Semiconductor LFSC Datasheet HTML 232Page - Lattice Semiconductor LFSC Datasheet HTML 233Page - Lattice Semiconductor LFSC Datasheet HTML 234Page - Lattice Semiconductor LFSC Datasheet HTML 235Page - Lattice Semiconductor LFSC Datasheet HTML 236Page - Lattice Semiconductor LFSC Datasheet HTML 237Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 235 / 237 page
background image
7-3
Revision History
Lattice Semiconductor
LatticeSC/M Family Data Sheet
August 2006
(cont.)
01.3
(cont.)
DC and Switching
Characteristics
(cont.)
Updated LatticeSC Family Timing Adders with ispLEVER 6.0 SP1
results
Updated PLL Timing Parameters based on PDE testing results
Removed RDDATA parameter from sysCONFIG readback timing table
Multiple
Changed TDO/RDDATA to TDO
Pinout Information
Removed all MPI signals from SC15 256 pin package Dual Function
Column
Added note to SC15, SC25 900 pin package that the package supports
a 16 bit MPI
Added note that pin D3 in an SC15 and SC25 900 pin package should
not be used for single-ended outputs
Added note that pin D28 in an SC15 and SC25 900 pin package should
not be used for single-ended outputs
Added note to SC25 1020 pin package that the package supports a 16
bit MPI
Added note to SC80 1152 pin package that the package supports a 32
bit MPI
Added note to SC80 1704 pin package that the package supports a 32
bit MPI
Ordering Information
Changed “fcBGA” for the 1020 packages to “ffBGA”
November 2006
01.4
Introduction
LatticeSC Family Selection Guide table – I/O count for SC80 device,
1704 fcBGA package changed to 904/32. I/O count for SC115 device,
1704 fcBGA package changed to 942/32.
DC and Switching
Characteristics
DC Electrical Characteristics table – Updated the initialization and
standby supply current values.
DC Electrical Characteristics table – Updated the sysCONFIG Master
Parallel mode RCLK low and RCLK high time specifications.
DC Electrical Characteristics table – Updated VCCIO values for
LVPECL33 I/Os.
Pin Information
Pin Information Summary table - Changed number of single ended user
I/Os from 906 to 904 for 1704 fcBGA.
Removed the single-ended only output restriction on pins D3 and D28
in an SC15 and SC25 900 pin package.
Ordering Information
Ordering Information tables - Changed number of I/Os from 906 to 904
for 1704 fcBGA.
Added ordering part numbers for LatticeSC/SCM 40K and 115K LUT
devices.
Added lead-free ordering part numbers.
Multiple
Changed number of available SC80 I/O from 906 to 904.
Changed number of available SC115 I/O from 944 to 942.
January 2007
01.4a
Architecture
Added EBR Asynchronous Reset section.
February 2007
01.4b
Architecture
Updated EBR Asynchronous Reset section.
March 2007
01.5
Architecture
Added EBR asynchronous reset clarification
Clarified that differential drivers are not supported in banks 1, 4 and 5
DC and Switching
Characteristics
Added clarification for the description of the junction temperature speci-
fication in the Absolute Maximum Ratings section.
Updated Initialization and Standby Current table.
Updated LatticeSC External Switching Characteristics with ispLEVER
6.1 SP1 results.
Date
Version
Section
Change Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com