Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37274EFSP Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 32Page - Renesas Technology Corp M37274EFSP Datasheet HTML 33Page - Renesas Technology Corp M37274EFSP Datasheet HTML 34Page - Renesas Technology Corp M37274EFSP Datasheet HTML 35Page - Renesas Technology Corp M37274EFSP Datasheet HTML 36Page - Renesas Technology Corp M37274EFSP Datasheet HTML 37Page - Renesas Technology Corp M37274EFSP Datasheet HTML 38Page - Renesas Technology Corp M37274EFSP Datasheet HTML 39Page - Renesas Technology Corp M37274EFSP Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 148 page
background image
35
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
VREF
256
✕ (n – 0.5)
1 to 255
00
Note: VREF indicates the voltage of internal VCC.
Fig. 29. Changes in A-D Conversion Register and Comparison Voltage during A-D Conversion
(6) Conversion Method
1Set bit 7 of the interrupt input polarity register (address 021216) to
“1” to generate an interrupt request at completion of A-D conver-
sion.
2Set the A-D conversion • INT3 interrupt request bit to “0” (even
when A-D conversion is started, the A-D conversion • INT3 inter-
rupt reguest bit is not set to “0” automatically).
3When using A-D conversion interrupt, enable interrupts by setting
A-D conversion • INT3 interrupt request bit to “1” and setting the
interrupt disable flag to “0.”
4Set the VCC connection selection bit to “1” to connect VCC to the
resistor ladder.
5Select analog input pins by the analog input selection bit of the A-
D control register.
6Set the A-D conversion completion bit to “0.” This write operation
starts the A-D conversion. Do not read the A-D conversion regis-
ter during the A-D conversion.
7Verify the completion of the conversion by the state (“1”) of the
A-D conversion completion bit, the state (“1”) of A-D conversion •
INT3 interrupt reguest bit, or the occurrence of an A-D conversion
interrupt.
8Read the A-D conversion register to obtain the conversion results.
Note : When the ladder resistor is disconnect from VCC, set the VCC
connection selection bit to “0” between steps
7and 8.
(7) Internal Operation
When the A-D conversion starts, the following operations are auto-
matically performed.
1The A-D conversion register is set to “0016.”
2The most significant bit of the A-D conversion register becomes
“1, ” and the comparison voltage “Vref” is input to the comparator.
At this point, Vref is compared with the analog input voltage “VIN .”
3Bit 7 is determined by the comparison results as follows.
When Vref < VIN : bit 7 holds “1”
When Vref > VIN : bit 7 becomes “0”
With the above operations, the analog value is converted into a digi-
tal value. The A-D conversion terminates in a maximum of 50 ma-
chine cycles (12.5 µs at f(XIN) = 8 MHz) after it starts, and the con-
version result is stored in the A-D conversion register.
An A-D conversion interrupt request occurs at the same time as A-D
conversion completion, the A-D conversion • INT3 interrupt request
bit becomes “1.” The A-D conversion completion bit also becomes
“1.”
Table 3. Expression for Vref and VREF
A-D conversion register contents “n”
(decimal notation)
Vref (V)
12 3 45 6 7 8
1 00 0 0 0 0 0
12
10 0
0 0 0
10 0 0 0 0
0
1
12 3 4 5 6 7
1
VREF
2
VREF
512
–
VREF
2
VREF
4
VREF
512
–
±
±
±±
±
±
±
VREF
2
VREF
4
VREF
8
VREF
512
–
00 0 0 0
0 0 0
Contents of A-D conversion register
Reference voltage (Vref)
[V]
0
A-D conversion start
1st comparison start
3rd comparison start
8th comparison start
2nd comparison start
Digital value corresponding to
analog input voltage.
A-D conversion completion
(8th comparison completion)
VREF
2
VREF
4
VREF
8
VREF
512
–
VREF
256
.......
: Value determined by mth (m = 1 to 8) result
m
.....



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com