Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37274EFSP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 8Page - Renesas Technology Corp M37274EFSP Datasheet HTML 9Page - Renesas Technology Corp M37274EFSP Datasheet HTML 10Page - Renesas Technology Corp M37274EFSP Datasheet HTML 11Page - Renesas Technology Corp M37274EFSP Datasheet HTML 12Page - Renesas Technology Corp M37274EFSP Datasheet HTML 13Page - Renesas Technology Corp M37274EFSP Datasheet HTML 14Page - Renesas Technology Corp M37274EFSP Datasheet HTML 15Page - Renesas Technology Corp M37274EFSP Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 148 page
background image
11
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
MEMORY
Special Function Register (SFR) Area
The special function register (SFR) area in the zero page contains
control registers such as I/O ports and timers.
RAM
RAM is used for data storage and for stack area of subroutine calls
and interrupts.
ROM
ROM is used for storing user programs as well as the interrupt vector
area.
RAM for OSD
RAM for display is used for specifying the character codes and col-
ors to display.
ROM for OSD
ROM for display is used for storing character data.
Interrupt Vector Area
The interrupt vector area contains reset and interrupt vectors.
Zero Page
The 256 bytes from addresses 000016 to 00FF16 are called the zero
page area. The internal RAM and the special function registers (SFR)
are allocated to this area.
The zero page addressing mode can be used to specify memory and
register addresses in the zero page area. Access to this area with
only 2 bytes is possible in the zero page addressing mode.
Special Page
The 256 bytes from addresses FF0016 to FFFF16 are called the spe-
cial page area. The special page addressing mode can be used to
specify memory addresses in the special page area. Access to this
area with only 2 bytes is possible in the special page addressing
mode.
ROM Correction Memory (RAM)
This is used as the program area for ROM correction.
Fig. 4. Memory map
000016
00C016
00FF16
0FF716
SFR1 area
FFFF16
FFDE16
FF0016
080016
Interrupt vector area
Special page
ROM
(60 K bytes)
RAM for OSD (Note)
(1920 bytes)
RAM
(1024 bytes)
Zero page
020016
024816
100016
SFR2 area
030016
053F16
02C016
02FF16
ROM correction memory
Block 1 : addresses 02C0 16 to 02DF16
Block 2 : addresses 02E0 16 to 02FF16
010016
Not used
Not used
Not used
ROM for OSD
(11072 bytes)
1080016
1FFFF16
155FF16
1800016
1E41F16
1000016
Note : Refer to Table 13. Contents of OSD RAM.
Not used
Not used
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com