Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37274EFSP Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 65Page - Renesas Technology Corp M37274EFSP Datasheet HTML 66Page - Renesas Technology Corp M37274EFSP Datasheet HTML 67Page - Renesas Technology Corp M37274EFSP Datasheet HTML 68Page - Renesas Technology Corp M37274EFSP Datasheet HTML 69Page - Renesas Technology Corp M37274EFSP Datasheet HTML 70Page - Renesas Technology Corp M37274EFSP Datasheet HTML 71Page - Renesas Technology Corp M37274EFSP Datasheet HTML 72Page - Renesas Technology Corp M37274EFSP Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 148 page
background image
68
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
OSD mode
Same as layer 1
Same as layer 1 (Note)
Pre-divide ratio = 1
Pre-divide ratio = 2
1TC ! 1/2H
1TC ! 1/2H, 1.5TC ! 1/2H
1TC ! 1H
1TC ! 1H, 1.5TC ! 1H
Same position as layer 1
(1) Dual Layer OSD
M37274MA-XXXSP has 2 layers; layer 1 and layer 2. These layers
display the OSD for controlling TV and the closed caption display at
the same time and overlayed on each other.
Each block can be assigned to either layer by bits 6 and 5 of the
block control register (refer to Figure 65). For example, only when
both bits 5 and 6 are “1,” the block is assigned to layer 2. Other bit
combinations assign the block to layer 1.
When a block of layer 1 is overlapped with that of layer 2, a screen is
combined (refer to Figure 67) by bits 7 and 6 of the OSD control
register (refer to Figure 64).
Note: When using the dual layer OSD, note Table 11.
Fig. 66. Image of Dual Layer OSD
CC mode
Data slicer clock or OSC1 or main clock
! 1 or ! 2 (all blocks)
1TC ! 1/2H
Arbitrary
Display mode
OSD Clock source
Pre-divide ratio
Dot size
Horizontal display start position
Table 11. Conditions of Dual Layer
Note: For the pre-divide ratio of the layer 2, select the same as the layer 1’s ratio by bit 6 of the clock control register.
Block in Layer 1
Block in Layer 2
Fig. 67. Display Example of Dual Layer OSD
Block
Parameter
Display example of layer 1 = “HELLO,” layer 2 = “CH5”
CH5
HELLO
Logical sum (OR) of
layer 1’s color and
layer 2’s color
Bit 7 = “0,” bit 6 = “0”
Layer 1’s color has priority
Bit 7 = “0”, bit 6 = “1”
CH5
HELLO
Layer 2’s color has priority
Bit 7 = “1,” bit 6 = “0”
HELLO
CH5
Layer 2
Layer 1
Block 1
Block 2
Block 7
Block 8
Block 9
Block 10
Block 11
Block 12
Block
Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com