Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37274EFSP Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 59Page - Renesas Technology Corp M37274EFSP Datasheet HTML 60Page - Renesas Technology Corp M37274EFSP Datasheet HTML 61Page - Renesas Technology Corp M37274EFSP Datasheet HTML 62Page - Renesas Technology Corp M37274EFSP Datasheet HTML 63Page - Renesas Technology Corp M37274EFSP Datasheet HTML 64Page - Renesas Technology Corp M37274EFSP Datasheet HTML 65Page - Renesas Technology Corp M37274EFSP Datasheet HTML 66Page - Renesas Technology Corp M37274EFSP Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 148 page
background image
62
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
(10) Address Data Communication
There are two address data communication formats, namely, 7-bit
addressing format and 10-bit addressing format. The respective ad-
dress communication formats is described below.
Œ 7-bit addressing format
To meet the 7-bit addressing format, set the 10BIT SAD bit of the
I2C control register (address 00F916) to “0.” The first 7-bit address
data transmitted from the master is compared with the high-order
7-bit slave address stored in the I2C address register (address
00F716). At the time of this comparison, address comparison of
the RBW bit of the I2C address register (address 00F716) is not
made. For the data transmission format when the 7-bit address-
ing format is selected, refer to Figure 61, (1) and (2).
 10-bit addressing format
To meet the 10-bit addressing format, set the 10BIT SAD bit of the
I2C control register (address 00F916) to “1.” An address compari-
son is made between the first-byte address data transmitted from
the master and the 7-bit slave address stored in the I2C address
register (address 00F716). At the time of this comparison, an ad-
dress comparison between the RBW bit of the I2C address regis-
__
ter (address 00F716) and the R/W bit which is the last bit of the
address data transmitted from the master is made. In the 10-bit
__
addressing mode, the R/W bit which is the last bit of the address
data not only specifies the direction of communication for control
data but also is processed as an address data bit.
When the first-byte address data matches the slave address, the
AAS bit of the I2C status register (address 00F816) is set to “1.” After
the second-byte address data is stored into the I2C data shift register
(address 00F616), make an address comparison between the sec-
ond-byte data and the slave address by software. When the address
data of the 2nd bytes matches the slave address, set the RBW bit of
the I2C address register (address 00F716) to “1” by software. This
__
processing can match the 7-bit slave address and R/W data, which
are received after a RESTART condition is detected, with the value
of the I2C address register (address 00F716). For the data transmis-
sion format when the 10-bit addressing format is selected, refer to
Figure 61, (3) and (4).
(11) Example of Master Transmission
An example of master transmission in the standard clock mode, at
the SCL frequency of 100 kHz and in the ACK return mode is shown
below.
Œ Set a slave address in the high-order 7 bits of the I2C address
register (address 00F716) and “0” in the RBW bit.
 Set the ACK return mode and SCL = 100 kHz by setting “8516” in
the I2C clock control register (address 00FA16).
Ž Set “1016” in the I2C status register (address 00F816) and hold
the SCL at the HIGH.
 Set a communication enable status by setting “4816” in the I2C
control register (address 00F916).
 Set the address data of the destination of transmission in the high-
order 7 bits of the I2C data shift register (address 00F616) and set
“0” in the least significant bit.
‘ Set “F016” in the I2C status register (address 00F816) to generate
a START condition. At this time, an SCL for 1 byte and an ACK
clock automatically occurs.
’ Set transmit data in the I2C data shift register (address 00F616).
At this time, an SCL and an ACK clock automatically occurs.
“ When transmitting control data of more than 1 byte, repeat step
’.
” Set “D016” in the I2C status register (address 00F816). After this,
if ACK is not returned or transmission ends, a STOP condition will
be generated.
(12) Example of Slave Reception
An example of slave reception in the high-speed clock mode, at the
SCL frequency of 400 kHz, in the ACK non-return mode, using the
addressing format, is shown below.
Œ Set a slave address in the high-order 7 bits of the I2C address
register (address 00F716) and “0” in the RBW bit.
 Set the no ACK clock mode and SCL = 400 kHz by setting “2516”
in the I2C clock control register (address 00FA16).
Ž Set “1016” in the I2C status register (address 00F816) and hold
the SCL at the HIGH.
 Set a communication enable status by setting “4816” in the I2C
control register (address 00F916).
 When a START condition is received, an address comparison is
made.
‘ •When all transmitted addresses are “0” (general call) :
AD0 of the I2C status register (address 00F816) is set to “1” and
an interrupt request signal occurs.
•When the transmitted addresses match the address set in Œ:
AAS of the I2C status register (address 00F816) is set to “1” and
an interrupt request signal occurs.
•In the cases other than the above :
AD0 and AAS of the I2C status register (address 00F816) are
set to “0” and no interrupt request signal occurs.
’ Set dummy data in the I2C data shift register (address 00F616).
“ When receiving control data of more than 1 byte, repeat step ’.
” When a STOP condition is detected, the communication ends.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com