Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37274EFSP Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 10Page - Renesas Technology Corp M37274EFSP Datasheet HTML 11Page - Renesas Technology Corp M37274EFSP Datasheet HTML 12Page - Renesas Technology Corp M37274EFSP Datasheet HTML 13Page - Renesas Technology Corp M37274EFSP Datasheet HTML 14Page - Renesas Technology Corp M37274EFSP Datasheet HTML 15Page - Renesas Technology Corp M37274EFSP Datasheet HTML 16Page - Renesas Technology Corp M37274EFSP Datasheet HTML 17Page - Renesas Technology Corp M37274EFSP Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 148 page
background image
13
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
Fig. 6. Memory Map of Special Function Register 1 (SFR2) (2)
F016
F116
F216
F316
F416
F516
F616
F716
F816
F916
FA16
FB16
FC16
FD16
FE16
FF16
E016
E116
E216
E316
E416
E516
E616
E716
E816
E916
EB16
EC16
ED16
EE16
EF16
EA16 Data slicer control register 1 (DSC1)
A-D conversion register (AD)
A-D control register (ADCON)
Timer 1 (TM1)
Window register (WN)
Clock run-in register 1 (CR1)
Clock run-in register 2 (CR2)
Caption data register 1 (CD1)
Caption position register (CP)
Start bit position register (SP)
Timer 2 (TM2)
Timer 3 (TM3)
Timer 4 (TM4)
Timer mode register 1 (TM1)
Timer mode register 2 (TM2)
I2C
data shift register (S0)
I2C
control register (S1D)
I2C
clock control register (S2)
Interrupt request
register 1 (IREQ1)
Interrupt request
register 2 (IREQ2)
Interrupt control
register 1 (ICON1)
Interrupt control
register 2 (ICON2)
Clock run-in detect register 1 (CRD1)
Clock run-in detect register 2 (CRD2)
CPU mode
register (CPUM)
Sync slice register (SSL)
Data slicer control register 2 (DSC2)
I2C
status register (S1)
I2C
address register (S0D)
s SFR1 area (addresses E016 to FF16)
Address
Register
Bit allocation
State immediately after reset
: Fix to this bit to “0”
(do not write to “1”)
:
<
Bit allocation >
<
State immediately after reset >
Function bit
: No function bit
: Fix to this bit to “1”
(do not write to “0”)
Name
:
: “0” immediately after reset
: Indeterminate immediately
after reset
0
1
?
: “1” immediately after reset
1
0
b7
b0 b7
b0
ADIN0
ADIN1
ADVREF
ADSTR
TM20
TM21
TM22
TM23
TM24
TM10
TM11
TM12
TM13
TM14
CM2
TM1R
TM2R
TM3R
TM4R
CRTR
VSCR
ADR
CK0
INT1R
DSR
SIOR
TM1E
TM2E
TM3E
TM4E
CRTE
VSCE
INT1E
DSE
SIOE
INT2E
TM25
0016
?0
0
1
0
0
0
0
FF16
0716
FF16
0716
1
0
0
11
1
00
?
0?
0
0
0
?
0
0016
?
TM15
TM16
TM17
TM26
TM27
?
SAD0
SAD1
SAD2
SAD3
SAD4
SAD5
SAD6
RBW
LRB
AD0
AAS
AL
PIN
BB
TRX
MST
BC0
BC1
BC2
ES0
ALS
10 BIT
SAD
BSEL0
BSEL1
CCR0
CCR1
CCR2
CCR3
CCR4
FAST
MODE
ACK
BIT
ACK
0016
0016
0016
0
0
00
0
1?
0
1MSR
INT2R
IICR
T56R
ADE
1MSE
IICE
T56E
T56S
CM7
CM5
CM6
DSC20
DSC21
DSC22
DSC25
DSC27
DSC10
DSC11
DSC12
DSC15
DSC17
CP0
CP1
CP2
CP3
CP4
SP0
SP1
SP2
SP3
SP4
SP5
SP6
SP7
WN0
WN1
WN2
WN3
WN4
WN5
CRD20
CRD21
CRD22
CRD25
CRD27 CRD25
CRD25 CRD25
CR21
CR11
CRD15
CRD17 CRD15
CRD15 CRD15
10
0
00
0
0
11
10
0
1
11
1
01
0
1
00
0
00
0
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
CR12
CR13
ADIN2
D7
D6
D5
D4
D3
D2
D1
D0
CR10
?
0?
0
0
0
0
0
SSL7
0
0
0
00
1
1
0
0
0
Caption data register 2 (CD2)
Caption data register 3 (CD3)
Caption data register 4 (CD4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com