Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37274EFSP Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 86Page - Renesas Technology Corp M37274EFSP Datasheet HTML 87Page - Renesas Technology Corp M37274EFSP Datasheet HTML 88Page - Renesas Technology Corp M37274EFSP Datasheet HTML 89Page - Renesas Technology Corp M37274EFSP Datasheet HTML 90Page - Renesas Technology Corp M37274EFSP Datasheet HTML 91Page - Renesas Technology Corp M37274EFSP Datasheet HTML 92Page - Renesas Technology Corp M37274EFSP Datasheet HTML 93Page - Renesas Technology Corp M37274EFSP Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 148 page
background image
89
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
Extra font
There are 16 kinds of the extra fonts configured with 16 ! 26 dots in
OSD ROM. This 16 kinds fonts can be displayed by ORed with the
character font by a character unit (refer to Figure 62). In only the
EXOSD mode, the extra font is controlled the following : bits 7 to 5 of
the color code 1 and bit 3 of the color code 2.
The extra font color for each screen is specified by the extra color
register. When the character font overlaps with the extra font, the
color of the area becomes the ORed color of both fonts.
Fig. 86. Extra Font Color Register
Fig. 87. Display Example of Only Extra Font
16 dots
16 dots
16 dots
+
(OR)
Extra font specified by EX0 to EX3
Blank character font
b7 b6 b5 b4 b3 b2 b1 b0
Extra font color register (EC) [Address 021916]
B
After reset
RW
Extra Font Color Register
0
3, 4
1
0
Name
Functions
Extra font color G
control bit (EC1)
0
Fix these bits to “0.”
0 : No output
1 : Output
RW
R —
RW
Extra font color R
control bit (EC0)
0 : No output
1 : Output
2
Extra font color B
control bit (EC2)
0
0 : No output
1 : Output
RW
0R W
0
0
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
5
to
7
0
Notes 1 : When using the extra font, set bits 7 and 6 of the OSD
control register to “0” (refer to Figure 64).
2 : Extra fonts are always displayed by ORed with the char-
acter font. Accordingly, when displaying only a extra font,
set a blank for a character font and OR with it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com