Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37274EFSP Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 72Page - Renesas Technology Corp M37274EFSP Datasheet HTML 73Page - Renesas Technology Corp M37274EFSP Datasheet HTML 74Page - Renesas Technology Corp M37274EFSP Datasheet HTML 75Page - Renesas Technology Corp M37274EFSP Datasheet HTML 76Page - Renesas Technology Corp M37274EFSP Datasheet HTML 77Page - Renesas Technology Corp M37274EFSP Datasheet HTML 78Page - Renesas Technology Corp M37274EFSP Datasheet HTML 79Page - Renesas Technology Corp M37274EFSP Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 148 page
background image
75
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
Input
Port
1
0
1
(4) Clock for OSD
As a clock for display to be used for OSD, it is possible to select one
of the following 4 types.
•Main clock (8 MHz)
• Data slicer clock output from the data slicer (approximately 26 MHz)
• Clock from the LC oscillator supplied from the pins OSC1 and OSC2
• Clock from the ceramic resonator or the quartz-crystal oscillator
from the pins OSC1 and OSC2
This OSD clock for each block can be selected by the following bits
: bit 7 of the port P3 direction register, bits 5 and 4 of the clock source
control register (addresses 021616). A variety of character sizes can
be obtained by combining dot sizes with OSD clocks. When not us-
ing the pins OSC1 and OSC2 for the OSD clock I/O pins, the pins
can be used as sub-clock I/O pins or port P6.
Fig. 76. Block Diagram of OSD Selection Circuit
Table 12. Setting for P63/OSC1/XCIN, P64/OSC2/XCOUT
b7 of port P3 direction
register
Clock source
control register
OSD Clock
I/O Pin
0
11
01
b5
b4
Sub-clock
I/O Pin
0
0
0
Function
Register
“0”
“11”
“10”
“0”
“0”
32 kHZ
Data slicer
circuit
Data slicer clock
OSC1 clock
LC
Ceramic •
quartz-crystal
Oscillating mode for OSD
CS5, CS4
“00”
“1”
“1”
“1”
CS0
CS1
CS3
CS2 = “0”
CC mode block
OSD mode block
EXOSD mode block
Except “10”
“10”
“10”
CS2, CS1
Except “10”
Clock oscillation
circuit
Main clock
Except “10”
CS2, CS1
CS2, CS1
(Note)
Note : To use data slicer clock, set bit 0 of data slicer control register to “1.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com