Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37274EFSP Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 73Page - Renesas Technology Corp M37274EFSP Datasheet HTML 74Page - Renesas Technology Corp M37274EFSP Datasheet HTML 75Page - Renesas Technology Corp M37274EFSP Datasheet HTML 76Page - Renesas Technology Corp M37274EFSP Datasheet HTML 77Page - Renesas Technology Corp M37274EFSP Datasheet HTML 78Page - Renesas Technology Corp M37274EFSP Datasheet HTML 79Page - Renesas Technology Corp M37274EFSP Datasheet HTML 80Page - Renesas Technology Corp M37274EFSP Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 148 page
background image
7
76
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
Fig. 77. Clock Control Register
b7 b6 b5 b4 b3 b2 b1 b0
Clock source control register (CS) [Address 0216 16]
B
Name
Functions
After reset RW
Clock Source Control Register
0
CC mode clock
selection bit (CS0)
0R W
1, 2 OSD mode clock selection
bits (CS1, CS2)
0: Data slicer clock
1: OSC1 clock
0R W
3
EXOSD mode clock
selection bit (CS3)
0: Data slicer clock
1: OSC1 clock
0R W
4, 5
0
W
6
Pre-divide ratio of layer 2
selection bit (CS6)
0: ! 1
1: ! 2
0
RW
0
RW
0
0: Data slicer clock
0
1: OSC1 clock
1
0: Main clock (See note 1)
1
1: Do not set
b2
b1
Test bit
(See note 3)
R
OSD oscillating mode
selection bits (CS4, CS5)
0 0: 32 kHz oscillating mode
0 1: Input ports P6 3, P64
(See note 2)
1 0: LC oscillating mode
1 1: Ceramic • quartz-crystal
oscillating mode
b5
b4
Notes 1: When setting “102,” main clock is set as a clock in the CC mode and
EXOSD mode regardless of bits 0, 3.
2: When selecting input ports P6 3 and P64, set bit 7 at address 00C716
to “0.”
3: Be sure to set bit 7 to “0” for program of the mask and the EPROM
versions. For the emulator MCU version (M37274ERSS), be sure to set
bit 7 to “1” when using the data slicer clock for software debugging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com