Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F211B2DSP Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # R5F211B2DSP
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER R8C FAMILY / R8C/1x SERIES
PDF  339 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F211B2DSP Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button R5F211B2DSP Datasheet HTML 53Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 54Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 55Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 56Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 57Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 58Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 59Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 60Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 339 page
background image
R8C/1A Group, R8C/1B Group
6. Resets
Rev.1.30
Dec 08, 2006
Page 41 of 315
REJ09B0252-0130
Figure 6.4
Example of Hardware Reset Circuit and Operation
Figure 6.5
Example of Hardware Reset Circuit (Usage Example of External Supply Voltage
Detection Circuit) and Operation
RESET
VCC
VCC
RESET
2.7 V
0V
0.2 VCC or below
td(P-R) + 500
µs or more
0V
NOTE:
1. Refer to 19. Electrical Characteristics.
RESET
VCC
VCC
RESET
2.7 V
0V
td(P-R) + 500
µs or more
0V
5V
5V
Example when
VCC = 5 V
Supply voltage
detection circuit
NOTE:
1. Refer to
19. Electrical Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com