Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F211B2DSP Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # R5F211B2DSP
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER R8C FAMILY / R8C/1x SERIES
PDF  339 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F211B2DSP Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button R5F211B2DSP Datasheet HTML 91Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 92Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 93Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 94Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 95Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 96Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 97Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 98Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 339 page
background image
R8C/1A Group, R8C/1B Group
12. Interrupts
Rev.1.30
Dec 08, 2006
Page 79 of 315
REJ09B0252-0130
12.1.2
Software Interrupts
A software interrupt is generated when an instruction is executed. Software interrupts are non-maskable.
12.1.2.1
Undefined Instruction Interrupt
The undefined instruction interrupt is generated when the UND instruction is executed.
12.1.2.2
Overflow Interrupt
The overflow interrupt is generated when the O flag is set to 1 (arithmetic operation overflow) and the INTO
instruction is executed. Instructions that set the O flag are: ABS, ADC, ADCF, ADD, CMP, DIV, DIVU,
DIVX, NEG, RMPA, SBB, SHA, and SUB.
12.1.2.3
BRK Interrupt
A BRK interrupt is generated when the BRK instruction is executed.
12.1.2.4
INT Instruction Interrupt
An INT instruction interrupt is generated when the INT instruction is executed. The INT instruction can select
software interrupt numbers 0 to 63. Software interrupt numbers 4 to 31 are assigned to the peripheral function
interrupt. Therefore, the MCU executes the same interrupt routine when the INT instruction is executed as
when a peripheral function interrupt is generated. For software interrupt numbers 0 to 31, the U flag is saved to
the stack during instruction execution and the U flag is set to 0 (ISP selected) before the interrupt sequence is
executed. The U flag is restored from the stack when returning from the interrupt routine. For software interrupt
numbers 32 to 63, the U flag does not change state during instruction execution, and the selected SP is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com