Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8A Datasheet(PDF) 352 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 352 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 348Page - Renesas Technology Corp M32C/8A Datasheet HTML 349Page - Renesas Technology Corp M32C/8A Datasheet HTML 350Page - Renesas Technology Corp M32C/8A Datasheet HTML 351Page - Renesas Technology Corp M32C/8A Datasheet HTML 352Page - Renesas Technology Corp M32C/8A Datasheet HTML 353Page - Renesas Technology Corp M32C/8A Datasheet HTML 354Page - Renesas Technology Corp M32C/8A Datasheet HTML 355Page - Renesas Technology Corp M32C/8A Datasheet HTML 356Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 372 page
background image
M32C/8A Group
24. Usage Notes
Rev.1.00
Jul 15, 2007
Page 335 of 352
REJ09B0385-0100
24.3.4.2
Stop Mode
• The MCU cannot enter stop mode if a low-level (“L”) signal is applied to the NMI pin. Apply an “H” signal
to enter stop mode.
• To exit stop mode by reset, apply an “L” signal to RESET pin until a main clock oscillation stabilizes.
• If using the NMI interrupt to exit stop mode, use the following procedure to set the CM10 bit in the CM1
register to 1 (all clocks stopped).
(Technical update: TN-16C-127A/EA)
(1) Exit stop mode using the NMI interrupt.
(2) Generate a dummy interrupt.
(3) Set the CM10 bit to 1 (all clocks stopped).
e.g.,
int
#63
; dummy interrupt
bset
CM1
; all clocks stopped
/*dummy interrupt routine*/
dummy
reit
• When entering stop mode, the instructions following CM10 = 1 instruction are stored into the instruction
queue, and the program stops. When stop mode is exited, the instruction lined in the queue is executed
before the exit interrupt routine is handled. Insert a jmp.b instruction as follows after the instruction to set
the CM10 bit is set to 1.
(Technical update: TN-16C-124A/EA)
fset I
; I flag is set to 1
bset 0, cm1
; all clocks stopped (stop mode)
jmp.b LABEL_001
; jmp.b instruction executed (no instruction between jmp.b and LABEL.)
LABEL_001:
nop
; nop(1)
nop
; nop(2)
nop
; nop(3)
nop
; nop(4)
mov.b #0, prcr
; protection set
.
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com