Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8A Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 66Page - Renesas Technology Corp M32C/8A Datasheet HTML 67Page - Renesas Technology Corp M32C/8A Datasheet HTML 68Page - Renesas Technology Corp M32C/8A Datasheet HTML 69Page - Renesas Technology Corp M32C/8A Datasheet HTML 70Page - Renesas Technology Corp M32C/8A Datasheet HTML 71Page - Renesas Technology Corp M32C/8A Datasheet HTML 72Page - Renesas Technology Corp M32C/8A Datasheet HTML 73Page - Renesas Technology Corp M32C/8A Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 372 page
background image
M32C/8A Group
8. Bus
Rev.1.00
Jul 15, 2007
Page 53 of 352
REJ09B0385-0100
Figure 8.2
Address Bus and Chip-Select Outputs (Separate Bus)
i = 0 to 3
j = 0 to 3, excluding i
k = 0 to 3
p = 0 to 3, excluding k
CS1 outputs an "L" signal while accessing the external space 0.
CS2 outputs an "L" signal while accessing the external space 1.
CS3 outputs an "L" signal while accessing the external space 2.
CS0 outputs an "L" signal while accessing the external space 3.
NOTE:
1. The above examples show the address bus and chip-select output in two consecutive bus cycles.
Depending on the combination, the chip-select signal can be more than two bus cycles.
When the MCU accesses the space i specified by the
same chip-select output in the next cycle after having
accessed the external space i, the address bus
changes but the chip-select output does not.
When the MCU does not access any spaces in the
next cycle after having accessed an external space
(no instruction prefetch is performed), neither
address bus nor chip-select signal changes.
Access the same
external space i
Access
external
space i
Data bus
Address bus
Chip-select: CSk
Data
Address
Data
Access
external
space
Data bus
Address bus
Chip-select: CSk
Data
Address
No accesss to
external space
Example 3:
After accessing the external space, the address bus
changes but the chip-select output does not.
Example 4:
After accessing an external space, neither address
bus nor chip-select signal changes.
When the MCU accesses the external space j
specified by another chip-select output in the next
cycle after having accessed the external space i, both
address bus and chip-select output change.
When the MCU accesses SFR or internal RAM area
in the next cycle after having accessed an external
space, the chip-select signal changes but the
address bus does not.
Access another
external space j
Access
external
space i
Data bus
Address bus
Chip-select: CSk
Chip-select: CSp
Data
Address
Data
Access
external
space
Data bus
Address bus
Chip-select: CSk
Data
Address
Access SFR,
internal RAM
Example 1:
After accessing the external space, both address bus
and chip-select output change
Example 2:
After accessing an external space, the chip-select
output changes but the address bus does not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com