Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8A Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 52Page - Renesas Technology Corp M32C/8A Datasheet HTML 53Page - Renesas Technology Corp M32C/8A Datasheet HTML 54Page - Renesas Technology Corp M32C/8A Datasheet HTML 55Page - Renesas Technology Corp M32C/8A Datasheet HTML 56Page - Renesas Technology Corp M32C/8A Datasheet HTML 57Page - Renesas Technology Corp M32C/8A Datasheet HTML 58Page - Renesas Technology Corp M32C/8A Datasheet HTML 59Page - Renesas Technology Corp M32C/8A Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 372 page
background image
M32C/8A Group
6. Power Supply Voltage Detection Function
Rev.1.00
Jul 15, 2007
Page 39 of 352
REJ09B0385-0100
Figure 6.3
D4INT Register
b7 b6 b5 b4
b1
b2
b3
Vdet4 Detection Interrupt Register(1)
Symbol
D4INT
Address
002Fh
Bit Symbol
Bit Name
RW
D40
After Reset
XX00 0000b
RW
b0
Function
Vdet4 detection interrupt
enable bit(2)
D41
RW
RW
0: Vdet4 detection interrupt is not used to exit
wait/stop mode
1: Vdet4 detection interrupt is used to exit
wait/stop mode
Wait mode/Stop mode exit
control bit(3)
0: Vdet4 detection interrupt disabled
1: Vdet4 detection interrupt enabled
D42
Voltage change detect flag(4, 5)
0: Not detected
1: Voltage crosses Vdet4
D43
WDT underflow detect flag(5)
0: Not detected
1: Detected
DF0
DF1
Unimplemented.
Read as undefined value.
Sampling clock select bits
b5 b4
0 0: CPU clock divided-by-8
0 1: CPU clock divided-by-16
1 0: CPU clock divided-by-32
1 1: CPU clock divided-by-64
RW
RW
−
RW
−
(b7-b6)
NOTES:
1. Set the D4INT register after the PRC3 bit in the PRCR register is set to 1 (write enable).
2. Use the following procedure to set the D40 bit to 1:
(1) Set the VC27 bit in the VCR2 register to 1
(2) Wait for td(E-A) before the voltage detection circuit starts operating
(3) Wait for required sampling time (See Table "Sampling Period")
(4) Set the D40 bit to 1
3. If the Vdet4 detection interrupt has been used to exit wait mode or stop mode, set the D41 bit to 0 and then set it to 1 to use the
Vdet4 detection interrupt again to exit these modes.
4. The D42 bit is enabled when the VC27 bit is set to 1 (Vdet4 detection function used ). The D42 bit becomes 0 when the VC27 bit
is set to 0 (Vdet4 detection function not used).
5. The D43 bit can be set to 0 by program. Writing a 0 has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com